Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5501 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 77Page - Texas Instruments TMS320VC5501 Datasheet HTML 78Page - Texas Instruments TMS320VC5501 Datasheet HTML 79Page - Texas Instruments TMS320VC5501 Datasheet HTML 80Page - Texas Instruments TMS320VC5501 Datasheet HTML 81Page - Texas Instruments TMS320VC5501 Datasheet HTML 82Page - Texas Instruments TMS320VC5501 Datasheet HTML 83Page - Texas Instruments TMS320VC5501 Datasheet HTML 84Page - Texas Instruments TMS320VC5501 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 197 page
background image
Functional Overview
81
December 2002 − Revised November 2008
SPRS206K
3.10.4
Wake-Up Procedures
It is the user’s responsibility to ensure that there exists a valid wake-up procedure before entering idle mode.
Keep in mind that a hardware reset will restore all modules to their active state. All wake-up procedures are
described in the next sections.
3.10.4.1 CPU Domain Wake-up Procedure
The CPU domain can be taken out of idle though an enabled external interrupt or an NMI signal. External
interrupts can be enabled through the use of the IER0 and IER1 registers. Other modules, such as the EMIF
module, will be taken out of idle automatically when the CPU wakes up. Please see the wake-up procedures
for other modules for more information.
3.10.4.2 Master Port Domain (DMA/HPI) Wake-up Procedure
The 5501 DMA module and the HPI module can be taken out of idle simultaneously by executing the following
procedure.
1.
Write ‘0’ to the MPI bit in ICR.
2.
Execute the IDLE instruction.
3.
DMA and HPI wake up.
It is also possible to wake up the DMA and HPI modules individually through the use of the Master Idle Control
Register. To wake up only the DMA or the HPI module, perform the following steps:
1.
Write ‘0’ to the DMA bit or the HPI bit in MICR.
2.
Selected module wakes up.
3.10.4.3 Peripheral Modules Wake-up Procedure
All 5501 peripherals can be taken out of idle simultaneously by executing the following procedure.
1.
Write ‘0’ to the PERI bit in ICR.
2.
Execute the IDLE instruction.
3.
All idled peripherals wake up.
It is also possible to wake up individual peripherals through the use of the Peripheral Idle Control Register by
executing the following procedure.
1.
Write ‘0’ to the idle control bit of peripheral(s) in PICR.
2.
Idled peripherals with ‘0’ in PICR wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com