Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT7P2UH7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STT7P2UH7
Description  Very low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT7P2UH7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STT7P2UH7 Datasheet HTML 5Page - STMicroelectronics STT7P2UH7 Datasheet HTML 6Page - STMicroelectronics STT7P2UH7 Datasheet HTML 7Page - STMicroelectronics STT7P2UH7 Datasheet HTML 8Page - STMicroelectronics STT7P2UH7 Datasheet HTML 9Page - STMicroelectronics STT7P2UH7 Datasheet HTML 10Page - STMicroelectronics STT7P2UH7 Datasheet HTML 11Page - STMicroelectronics STT7P2UH7 Datasheet HTML 12Page - STMicroelectronics STT7P2UH7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STT7P2UH7
Package mechanical data
DocID025142 Rev 3
11/13
Table 8: SOT23-6L package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.25
A1
0.00
0.15
A2
1.00
1.10
1.20
b
0.36
0.50
C
0.14
0.20
D
2.826
2.926
3.026
E
1.526
1.626
1.726
e
0.90
0.95
1.00
H
2.60
2.80
3.00
L
0.35
0.45
0.60
θ
0 °C
8 °C
Figure 17: SOT23-6L recommended footprint
7049714_K_footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com