Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT13005FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STT13005FP
Description  High voltage capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT13005FP Datasheet(HTML) 3 Page - STMicroelectronics

  STT13005FP Datasheet HTML 1Page - STMicroelectronics STT13005FP Datasheet HTML 2Page - STMicroelectronics STT13005FP Datasheet HTML 3Page - STMicroelectronics STT13005FP Datasheet HTML 4Page - STMicroelectronics STT13005FP Datasheet HTML 5Page - STMicroelectronics STT13005FP Datasheet HTML 6Page - STMicroelectronics STT13005FP Datasheet HTML 7Page - STMicroelectronics STT13005FP Datasheet HTML 8Page - STMicroelectronics STT13005FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STT13005FP
Electrical characteristics
Doc ID 15663 Rev 2
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 700 V
VCE = 700 V TC = 125 °C
100
500
µA
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = 400 V
250
µA
VEBO
Emitter-base voltage
(IC = 0)
IE = 10 mA
9
V
VCEO(sus)
(1) Collector-emitter
sustaining voltage (IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.5 A
IB = 125 mA
IC = 0.8 A _ IB = 0.2 A
IC = 1.6 A _ IB = 0.4 A
0.5
1
1.5
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.5 A
IB = 125 mA
IC = 0.8 A _ IB = 0.2 A
IC = 1.6 A _ IB = 0.4 A
1
1.3
1.5
V
V
V
hFE
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
DC current gain
IC = 0.5 A
_ VCE = 5 V
IC = 2 A _ _ VCE = 5 V
10
8
50
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
IC = 1 A
VCC = 125 V
IB1 = -IB2 = 0.2 A
0.4
3.2
0.25
0.7
4.5
0.4
µs
µs
µs
ts
tf
Inductive load
Storage time
Fall time
IC = 1 A
IB1 = 0.2 A
VBE(off) = -5 V
L = 50 mH
VClamp = 300 V
0.8
0.16
µs
µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com