Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH10BC065C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH10BC065C
Description  compatible with standard PFC controller ICs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10BC065C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH10BC065C Datasheet HTML 1Page - STMicroelectronics STTH10BC065C Datasheet HTML 2Page - STMicroelectronics STTH10BC065C Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18278 Rev 1
1/3
3
STTH10BC065C
650 V high voltage rectifier for BC2 topology
Features
■ high voltage rectifier
■ optimized diode for BC2 topology (ST patent)
■ low switching losses
■ improves efficiency by up to 2.5% compared to
a conventional continuous mode PFC using
standard ultrafast 600 V PN diodes
■ efficiency performance similar to traditional
topologies using 600 V Schottky power diodes
with no reverse recovery charges used in CCM
PFC
■ provides a cost-effective solution to meet the
80+ efficiency requirements
■ supports PFC working up to 300 kHz
■ suitable for PFC up to 1 kW
■ compatible with standard PFC controller ICs
Description
The STTH10BC065C is a specific rectification
diode used in continuous mode power factor
correction working in the BC2topology. This diode
has been specially designed for the dedicated
BC2 topology. Its electrical characteristics were
specifically studied to optimize the
cost/performance ratio. As a result, SMPS
efficiency improvements of up to 2.5%
(comparable with topologies using SiC) can be
achieved at an optimized cost.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 5 A
VRRM
650 V
A1
K
A2
K
A1
A2
TO-220AB
STTH10BC065CT
www.st.com


Similar Part No. - STTH10BC065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10002 STMICROELECTRONICS-STTH10002 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
STTH10002TV1 STMICROELECTRONICS-STTH10002TV1 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
logo
Inchange Semiconductor ...
STTH10002TV1 ISC-STTH10002TV1 Datasheet
573Kb / 2P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH10002TV2 STMICROELECTRONICS-STTH10002TV2 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
logo
Inchange Semiconductor ...
STTH10002TV2 ISC-STTH10002TV2 Datasheet
532Kb / 3P
Ultrafast Recovery Diode
More results

Similar Description - STTH10BC065C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
LCD Controller ICs
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
LCD Controller ICs
S1D13305 EPSON-S1D13305 Datasheet
535Kb / 94P
LCD Controller ICs
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
GreenChip PFC controller
Rev. 01-10 February 2009
logo
ADTech
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
LED Controller with Active PFC
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
PFC Controller
May, 2015 ??Rev. 10
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59F1Z AVAGO-AFBR-59F1Z Datasheet
367Kb / 8P
Electrically compatible with 100BaseFX PHY ICs
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
PFC controller
Rev. 1-10 March 2016
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
PFC controller
Rev. 2-26 February 2020
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
PFC controller
Rev. 3-7 May 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com