Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5470GHKA Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320VC5470GHKA
Description  Fixed-Point Digital Signal Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470GHKA Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5470GHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 18Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 19Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 20Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 21Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 22Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 23Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 24Page - Texas Instruments TMS320VC5470GHKA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
DSP Subsystem Functional Overview
11
December 2001 – Revised December 2002
SPRS017B
3
DSP Subsystem Functional Overview
The DSP subsystem is based on the TMS320C54x DSP core, on-chip memories and peripherals, and is
code-compatible with other C54x products. The following description of the 5470 DSP subsystem is based
on Figure 3–1.
8 K
× 16
Prog RAM
8 K
× 16
Prog RAM
8 K
× 16
Prog RAM
8 K
× 16
Prog RAM
C54x
 DSP
DMA
McBSP
TIMER
McBSP
8 K
× 16
Data RAM
8 K
× 16
Prog RAM
API
PLL
XIO
External
DSP
Memory
CODEC
CODEC
DSP Subsystem
8 K
× 16
Data RAM
8 K
× 16
Data RAM
8 K
× 16
Data RAM
MCU Subsystem
Figure 3–1. 5470 DSP Subsystem Functional Block Diagram
3.1
DSP Core
The 5470 DSP subsystem’s fixed-point, digital signal processor (DSP) is based on an advanced modified
Harvard architecture that has one program memory bus and three data memory buses. This processor
provides an arithmetic logic unit (ALU) with a high degree of parallelism, application-specific hardware logic,
on-chip memory, and additional on-chip peripherals. The basis of the operational flexibility and speed of this
DSP is a highly specialized instruction set.
Separate program and data spaces allow simultaneous access to program instructions and data, providing
the high degree of parallelism. Two read operations and one write operation can be performed in a single cycle.
Instructions with parallel store and application-specific instructions can fully utilize this architecture. In
addition, data can be transferred between data and program spaces. Such parallelism supports a powerful
set of arithmetic, logic, and bit-manipulation operations that can all be performed in a single machine cycle.
In addition, the 5470 DSP subsystem includes the control mechanisms to manage repeated operations,
function calls, and DSP interrupts.
The DSP core includes the following features:
•
Low-power C54x
 DSP CPU, operating at up to 100 MHz
•
Software-programmable wait-state generator with bank-switching wait-state logic
•
External memory interface
–
Program space
–
Data space
–
I/O space
•
Scan-based emulation logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com