Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN0300LS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VN0300LS
Description  N-Channel 20-, 30-, 40-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN0300LS Datasheet(HTML) 2 Page - Vishay Siliconix

  VN0300LS Datasheet HTML 1Page - Vishay Siliconix VN0300LS Datasheet HTML 2Page - Vishay Siliconix VN0300LS Datasheet HTML 3Page - Vishay Siliconix VN0300LS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TN0201L/0401L, VN0300L/LS
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70199
S-04279—Rev. E, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
TN0201L
TN0401L
VN0300L
VN0300LS
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
TN0201L
55
20
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V
I = 10
mA
TN0401L
55
40
ID = 10 mA
30
V
VDS = VGS, ID = 0.25 mA
1.4
0.5
2
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
1.5
0.8
2.5
VDS = 0 V, VGS = "20 V
"10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "30 V
"100
nA
VDS = 30 V, VGS = 0 V
10
TJ = 125_C
500
m
Zero Gate Voltage Drain Current
IDSS
VDS = 0.8 x V(BR)DSS, VGS = 0 V
1
mA
TJ = 125_C
100
VDS = 10 V, VGS = 4.5 V
0.9
0.25
On-State Drain Currentb
ID(on)
VDS = 10 V, VGS = 10 V
3.5
1
1
A
VGS = 3.5 V, ID = 0.05 A
1.8
4
VGS = 5 V, ID = 0.3 A
1.2
3.3
VGS = 4.5 V, ID = 0.25 A
1.4
2
W
Drain-Source On-Resistanceb
rDS(on)
TJ = 125_C
2.6
4
W
VGS = 10 V, ID = 1 A
0.85
1.2
1.2
TJ = 125_C
1.6
2.4
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.5 A
500
200
200
mS
Dynamic
Input Capacitance
Ciss
38
60
100
Output Capacitance
Coss
VDS = 15 V, VGS = 0 V, f = 1 MHz
33
50
95
pF
Reverse Transfer Capacitance
Crss
8
15
25
Switchingc
Turn-On Time
tON
VDD = 15 V, RL = 14 W
^
10
30
30
Turn-Off Time
tOFF
ID ^ 1 A, VGEN = 10 V
RG = 25 W
13
30
30
ns
Notes
a.
For DESIGN AID ONLY, not subject to production testing..
VNDQ03
b.
Pulse test: PW
v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com