Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60AC06C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH60AC06C
Description  Low reverse current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60AC06C Datasheet(HTML) 4 Page - STMicroelectronics

  STTH60AC06C Datasheet HTML 1Page - STMicroelectronics STTH60AC06C Datasheet HTML 2Page - STMicroelectronics STTH60AC06C Datasheet HTML 3Page - STMicroelectronics STTH60AC06C Datasheet HTML 4Page - STMicroelectronics STTH60AC06C Datasheet HTML 5Page - STMicroelectronics STTH60AC06C Datasheet HTML 6Page - STMicroelectronics STTH60AC06C Datasheet HTML 7Page - STMicroelectronics STTH60AC06C Datasheet HTML 8Page - STMicroelectronics STTH60AC06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STTH60AC06C
4/13
DocID024886 Rev3
Figure 5. Relative variation of thermal
impedance, junction to case, versus pulse
duration (TO-3PF)
Figure 6. Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Zth( j-c) /Rth( j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
t (s)
P
Single pulse
TO- 3PF
IRM (A)
0
5
10
15
20
25
0
50 100 150 200 250 300 350 400 450 500
dIF/dt(A/µs)
IF = 30 A
V
R = 400 V
T
j = 125 °C
Figure 7. Reverse recovery time versus dIF/dt
(typical values, per diode)
Figure 8. Reverse recovery charges versus
dIF/dt (typical values, per diode)
tRR(ns)
0
50
100
150
200
250
300
350
400
0
50 100 150 200 250 300 350 400 450 500
dIF/dt(A/µs)
IF = 30 A
V
R = 400 V
T
j = 125 °C
QRR(nC)
0
500
1000
1500
2000
2500
0
50 100 150 200 250 300 350 400 450 500
dIF/dt(A/µs)
IF = 30 A
V
R = 400 V
T
j = 125 °C
Figure 9. Reverse recovery softness factor
versus dIF/dt (typical values, per diode)
Figure 10. Relative variations of dynamic
parameters versus junction temperature
S FACTOR
0.0
0.5
1.0
1.5
2.0
2.5
0
50 100 150 200 250 300 350 400 450 500
dIF/dt(A/µs)
IF = 30 A
V
R = 400 V
T
j = 125 °C
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
I
RM
S FACTOR
Tj(°C)
I
F = 30 A; VR = 400 V
Reference: Tj = 125 °C
Q
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com