Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60W03C Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH60W03C
Description  Low reverse recovery current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60W03C Datasheet(HTML) 6 Page - STMicroelectronics

  STTH60W03C Datasheet HTML 1Page - STMicroelectronics STTH60W03C Datasheet HTML 2Page - STMicroelectronics STTH60W03C Datasheet HTML 3Page - STMicroelectronics STTH60W03C Datasheet HTML 4Page - STMicroelectronics STTH60W03C Datasheet HTML 5Page - STMicroelectronics STTH60W03C Datasheet HTML 6Page - STMicroelectronics STTH60W03C Datasheet HTML 7Page - STMicroelectronics STTH60W03C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STTH60W03C
6/8
Doc ID 023144 Rev 1
2
Package information
●
Epoxy meets UL94, V0
●
Cooling method: by conduction (C)
●
Recommended torque value: 0.55 N·m (1.0 N·m maximum)
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
TO-247 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.85
5.15
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F1
3.00 typ.
0.118 typ.
F2
2.00 typ.
0.078 typ.
F3
2.00
2.40
0.078
0.094
F4
3.00
3.40
0.118
0.133
G
10.90 typ.
0.429 typ.
H
15.45
15.75
0.608
0.620
L
19.85
20.15
0.781
0.793
L1
3.70
4.30
0.145
0.169
L2
18.50 typ.
0.728 typ.
L3
14.20
14.80
0.559
0.582
L4
34.60 typ.
1.362 typ.
L5
5.50 typ.
0.216 typ.
M
2.00
3.00
0.078
0.118
V
5° typ.
5° typ.
V2
60° typ.
60° typ.
Dia.
3.55
3.65
0.139
0.143
H
L2
L5
L
L4
D
E
M
L1
L3
F2
F3
F4
F1
V2
F(x3)
G
A
V
V
Dia



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com