Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH802C
Description  Low forward and reverse recovery time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH802C Datasheet HTML 1Page - STMicroelectronics STTH802C Datasheet HTML 2Page - STMicroelectronics STTH802C Datasheet HTML 3Page - STMicroelectronics STTH802C Datasheet HTML 4Page - STMicroelectronics STTH802C Datasheet HTML 5Page - STMicroelectronics STTH802C Datasheet HTML 6Page - STMicroelectronics STTH802C Datasheet HTML 7Page - STMicroelectronics STTH802C Datasheet HTML 8Page - STMicroelectronics STTH802C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID8723 Rev 3
3/9
STTH802C
Characteristics
9
Table 5. Dynamic characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A
IRR = 0.25 A
IR = 1 A
-13
20
ns
tfr
Forward recovery time
IF = 4 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
-50
ns
VFP
Forward recovery voltage
IF = 4A
dIF/dt = 100 A/µs
-2.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com