Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU12N60M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU12N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU12N60M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STU12N60M2 Datasheet HTML 1Page - STMicroelectronics STU12N60M2 Datasheet HTML 2Page - STMicroelectronics STU12N60M2 Datasheet HTML 3Page - STMicroelectronics STU12N60M2 Datasheet HTML 4Page - STMicroelectronics STU12N60M2 Datasheet HTML 5Page - STMicroelectronics STU12N60M2 Datasheet HTML 6Page - STMicroelectronics STU12N60M2 Datasheet HTML 7Page - STMicroelectronics STU12N60M2 Datasheet HTML 8Page - STMicroelectronics STU12N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STU12N60M2
Electrical ratings
DocID027901 Rev 1
3/12
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at Tcase = 25 °C
9
A
Drain current (continuous) at Tcase = 100 °C
5.7
IDM
(1)
Drain current (pulsed)
36
A
PTOT
Total dissipation at Tcase = 25 °C
85
W
dv/dt
(2)
Peak diode recovery voltage slope
15
V/ns
dv/dt
(3)
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
Notes:
(1)
Pulse width is limited by safe operating area.
(2)
ISD
≤ 9 A, di/dt=400 A/μs; VDS(peak) < V(BR)DSS, VDD = 80% V(BR)DSS.
(3)
VDS
≤ 480 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.47
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
(1)
Avalanche current, repetitive or not repetitive
2.6
A
EAR
(2)
Single pulse avalanche energy
117
mJ
Notes:
(1)
Pulse width limited by Tjmax.
(2)
starting Tj = 25 °C, ID = IAR, VDD = 50 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com