Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW9NK95Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW9NK95Z
Description  Gate charge minimized
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NK95Z Datasheet(HTML) 3 Page - STMicroelectronics

  STW9NK95Z Datasheet HTML 1Page - STMicroelectronics STW9NK95Z Datasheet HTML 2Page - STMicroelectronics STW9NK95Z Datasheet HTML 3Page - STMicroelectronics STW9NK95Z Datasheet HTML 4Page - STMicroelectronics STW9NK95Z Datasheet HTML 5Page - STMicroelectronics STW9NK95Z Datasheet HTML 6Page - STMicroelectronics STW9NK95Z Datasheet HTML 7Page - STMicroelectronics STW9NK95Z Datasheet HTML 8Page - STMicroelectronics STW9NK95Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STW9NK95Z
Electrical ratings
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
950
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
7
A
ID
Drain current (continuous) at TC=100 °C
4.41
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
28
A
PTOT
Total dissipation at TC = 25 °C
160
W
Derating Factor
1.28
W/°C
Vesd(G-S)
G-S ESD (HBM C=100 pF, R=1.5 k
Ω)
4000
V
dv/dt(2)
2.
ISD ≤ 7 A, di/dt ≤ 100 A/µs,VDD ≤ 80% V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.78
°C/W
Rthj-a
Thermal resistance junction-ambient max
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ Max)
7A
EAS
Single pulse avalanche energy (starting
TJ=25 °C, ID=IAS, VDD=50 V)
(see Figure 17)and (see Figure 18)
300
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com