Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48N60M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 48N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

48N60M2 Datasheet(HTML) 3 Page - STMicroelectronics

  48N60M2 Datasheet HTML 1Page - STMicroelectronics 48N60M2 Datasheet HTML 2Page - STMicroelectronics 48N60M2 Datasheet HTML 3Page - STMicroelectronics 48N60M2 Datasheet HTML 4Page - STMicroelectronics 48N60M2 Datasheet HTML 5Page - STMicroelectronics 48N60M2 Datasheet HTML 6Page - STMicroelectronics 48N60M2 Datasheet HTML 7Page - STMicroelectronics 48N60M2 Datasheet HTML 8Page - STMicroelectronics 48N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STW48N60M2-4
Electrical ratings
DocID026750 Rev 3
3/12
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
42
A
ID
Drain current (continuous) at TC = 100 °C
26
A
IDM (1)
Drain current (pulsed)
168
A
PTOT
Total dissipation at TC = 25 °C
300
W
IAR
Max. current during repetitive or single pulse avalanche
(pulse width limited by Tjmax.)
7
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
1
J
dv/dt (2)
Peak diode recovery voltage slope
15
V/ns
dv/dt (3)
MOSFET dv/dt ruggedness
50
V/ns
Tstg
Storage temperature range
- 55 to 150
°C
Tj
Operating junction temperature range
°C
Notes:
(1)Pulse width limited by safe operating area.
(2)ISD ≤ 42 A, di/dt = 400 A/µs, VDS(peak) < V(BR)DSS, VDD = 400 V
(3)VDS ≤ 480 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
0.42
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com