Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3431IZ-AP Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3431IZ-AP
Description  1.24V Programmable Shunt Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431IZ-AP Datasheet(HTML) 3 Page - STMicroelectronics

  TS3431IZ-AP Datasheet HTML 1Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 2Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 3Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 4Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 5Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 6Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 7Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 8Page - STMicroelectronics TS3431IZ-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics
TS3431
3/11
2 Electrical Characteristics
Table 3.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VK
Reference input voltage IK = 10mA
TS3431 (2%)
1.215
1.24
1.265
V
TS3431A (1%)
1.228
1.252
TS3431B (0.5%)
1.234
1.246
TS3431C (0.25%)
1.237
1.243
∆VK
Variation of reference input voltage over
temperature
0°C < T < +70°C
10
mV
-40°C < T < +105°C
18
-40°C < T < +125°C
21
TC
Temperature coefficient
-40°C < T < +125°C
100
ppm/°C
IKMIN
Minimum Operating Current
T = 25°C
0.35
0.4
mA
-40°C < T < +125°C
0.5
Ratio of change in reference input volt-
age to change in cathode to anode volt-
age
IK=10mA
VK= 24 to 1.24V
1.2
1.5
mV/V
-40°C < T < +125°C
2
IREF
Reference input current
IK=10mA, R1=10KΩ, R2=+
T=25°C
0.9
1.5
µA
-40°C < T < +125°C
2
∆IREF
Reference input current deviation
IK=10mA, R1=10KΩ, R2=+
0°C < T < +70°C
0.5
1
µA
-40°C < T < +125°C
0.9
1.5
IOFF
Off-state cathode current VK=24V
T=25°C
35
500
nA
-40°C < T < +105°C
1000
-40°C < T < +125°C
2000
RKA
Reverse Static Impedance
IK = 1 to 100mA
0.2
0.4
Ω
EN
Wideband Noise
IK = 10mA
1kHz < f < 100kHz
100
nV/
√Hz
Note: Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation and by design.
∆Vref
∆Vka
----------------
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com