Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3431AILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS3431AILT
Description  1.24V Programmable Shunt Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431AILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS3431AILT Datasheet HTML 2Page - STMicroelectronics TS3431AILT Datasheet HTML 3Page - STMicroelectronics TS3431AILT Datasheet HTML 4Page - STMicroelectronics TS3431AILT Datasheet HTML 5Page - STMicroelectronics TS3431AILT Datasheet HTML 6Page - STMicroelectronics TS3431AILT Datasheet HTML 7Page - STMicroelectronics TS3431AILT Datasheet HTML 8Page - STMicroelectronics TS3431AILT Datasheet HTML 9Page - STMicroelectronics TS3431AILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS3431
Electrical Characteristics
6/11
Figure 13. Pulse response at Ik=1mA
Figure 14. Pulse response at Ik = 10mA
Figure 15. Block diagram
02
468
0.0
2.5
5.0
. . .
. . .
T=+25°C
Output voltage
Input Voltage
Time (µs)
0246
8
0.0
2.5
5.0
T=+25°C
Output voltage
Input Voltage
. . .
. . .
Time (µs)
VREF
Anode
Cathode
Reference
+
-
Figure 16. Test circuit for pulse response at Ik
= 1mA
Figure 17. Test circuit for pulse response at Ik
= 10mA
Figure 18. Equivalent input noise vs
frequency
IK=1mA
2.7K
0
4V
IK=10mA
270
0
4V
0.1
1
10
100
1000
10000
0
100
200
300
V
K
= V
REF
I
K
= 10 mA
T = +25°C
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com