Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41CN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP41CN
Description  COMPLEMENTARY PNP-NPN DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP41CN Datasheet(HTML) 2 Page - STMicroelectronics

  TIP41CN Datasheet HTML 1Page - STMicroelectronics TIP41CN Datasheet HTML 2Page - STMicroelectronics TIP41CN Datasheet HTML 3Page - STMicroelectronics TIP41CN Datasheet HTML 4Page - STMicroelectronics TIP41CN Datasheet HTML 5Page - STMicroelectronics TIP41CN Datasheet HTML 6Page - STMicroelectronics TIP41CN Datasheet HTML 7Page - STMicroelectronics TIP41CN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TIP41CN / TIP42CN
2/8
For PNP types voltage and current values are negative.
Table 3: Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 ms, duty cycle
≤ 2 %.
For PNP types voltage and current values are negative.
# Note: Product is pre-selected in DC current gain (Group R, Group O and Group Y). STMicroelectronics reserves the right to ship either
groups according to production availability. Please contact your nearest STMicrolectronics sales office for delivery details.
IB
Base Current
3A
Ptot
Total Dissipation at TC ≤ 25 oC
65
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-off Current
(IB = 0)
VCE = 60 V
0.7
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 100 V
0.4
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0 )
IC = 30 mA
100
V
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = 6 A
IB = 0.6 A
1.5
V
VBE(on)*
Base-Emitter Voltage
IC = 6 A
VCE = 4 V
2
V
hFE*
DC Current Gain
IC = 0.3 A
VCE = 4 V
IC = 3 A
VCE = 4 V
Group R
Group O
Group Y
30
15
24
42
28
44
75
Symbol
Parameter
Value
Unit
NPN
TIP41CN
PNP
TIP42CN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com