Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXN625RG Datasheet(PDF) 1 Page - STMicroelectronics

Part # TXN625RG
Description  Standard 25 A SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TXN625RG Datasheet(HTML) 1 Page - STMicroelectronics

  TXN625RG Datasheet HTML 1Page - STMicroelectronics TXN625RG Datasheet HTML 2Page - STMicroelectronics TXN625RG Datasheet HTML 3Page - STMicroelectronics TXN625RG Datasheet HTML 4Page - STMicroelectronics TXN625RG Datasheet HTML 5Page - STMicroelectronics TXN625RG Datasheet HTML 6Page - STMicroelectronics TXN625RG Datasheet HTML 7Page - STMicroelectronics TXN625RG Datasheet HTML 8Page - STMicroelectronics TXN625RG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
August 2014
DocID7478 Rev 9
1/11
TN2540, TXN625, TYN625,
TYN825, TYN1225
Standard 25 A SCRs
Datasheet
- production data
Features
• On-state rms current, IT(RMS) 25 A
• Repetitive peak off-state voltage, VDRM/VRRM
600 to 1200 V
• Triggering gate current, IGT 40 mA
• Insulated package TO-220AB ins
– Insulating voltage 2500 V rms
– UL1557 certified (file ref. E81734)
Description
These standard 25 A SCRs are suitable for
general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current
capabilities.
TXN625RG is packaged in TO-220AB ins.
A
K
G
D²PAK
TO-220AB
TO-220AB Insulated
A
A
A
A
A
K
K
K
G
G
G
G
Table 1. Device summary
Order code
Voltage VDRM/VRRM
Sensitivity
IGT
Package
600 V
800 V
1200 V
TN2540-600G-TR
Y
40 mA
D2PAK
TN2540-800G-TR
Y
40 mA
D2PAK
TXN625RG
Y
40 mA
TO-220AB ins
TYN625RG
Y
40 mA
TO-220AB
TYN825RG
Y
40 mA
TO-220AB
TYN1225RG
Y
40 mA
TO-220AB
www.st.com


Similar Part No. - TXN625RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
logo
Inchange Semiconductor ...
TXN625RG ISC-TXN625RG Datasheet
248Kb / 1P
isc Thyristors
More results

Similar Description - TXN625RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
21-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com