Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRD136D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TRD136D
Description  High voltage capability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TRD136D Datasheet(HTML) 5 Page - STMicroelectronics

  TRD136D Datasheet HTML 1Page - STMicroelectronics TRD136D Datasheet HTML 2Page - STMicroelectronics TRD136D Datasheet HTML 3Page - STMicroelectronics TRD136D Datasheet HTML 4Page - STMicroelectronics TRD136D Datasheet HTML 5Page - STMicroelectronics TRD136D Datasheet HTML 6Page - STMicroelectronics TRD136D Datasheet HTML 7Page - STMicroelectronics TRD136D Datasheet HTML 8Page - STMicroelectronics TRD136D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TRD136D
Electrical characteristics
Doc ID 018979 Rev 1
5/12
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Derating curve
Figure 4.
DC current gain (VCE = 1 V)
Figure 5.
DC current gain (VCE = 5 V)
Figure 6.
Collector-emitter saturation voltage Figure 7.
Base-emitter saturation voltage
AM09994v1
AM09996v1
AM09997v1
AM09998v1
AM09999v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com