Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3431BIZ Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS3431BIZ
Description  1.24V Programmable Shunt Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431BIZ Datasheet(HTML) 5 Page - STMicroelectronics

  TS3431BIZ Datasheet HTML 1Page - STMicroelectronics TS3431BIZ Datasheet HTML 2Page - STMicroelectronics TS3431BIZ Datasheet HTML 3Page - STMicroelectronics TS3431BIZ Datasheet HTML 4Page - STMicroelectronics TS3431BIZ Datasheet HTML 5Page - STMicroelectronics TS3431BIZ Datasheet HTML 6Page - STMicroelectronics TS3431BIZ Datasheet HTML 7Page - STMicroelectronics TS3431BIZ Datasheet HTML 8Page - STMicroelectronics TS3431BIZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics
TS3431
5/11
Figure 7. Off-State current vs temperature
Figure 8. Ratio of change in reference input
voltage to change in Vka voltage vs
temperature
Figure 9. Phase and gain vs frequency
-40
0
40
80
120
0
100
200
300
Temperature (°C)
-40
0
40
80
120
0.0
0.5
1.0
1.5
2.0
∆V
K
= 1.24 to 24V
I
K
= 10 mA
Temperature (°C)
1000
10000
100000
1000000
0
20
40
0
40
80
T = +25°C
Frequency (Hz)
Figure 10. Test circuit for off-state current
measurement
Figure 11. Test circuit for VK > VREF
Figure 12. Test circuit for phase and gain
measurement
Vka=24V
Ioff
Input
Ik
Vka = Vref . (1+R1/R2) + Iref . R1
Vka
R1
R2
Iref
Vref
10 µF
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com