Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # KFXX
Description  Very low drop voltage regulators with inhibit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KFXX Datasheet(HTML) 1 Page - STMicroelectronics

  KFXX Datasheet HTML 1Page - STMicroelectronics KFXX Datasheet HTML 2Page - STMicroelectronics KFXX Datasheet HTML 3Page - STMicroelectronics KFXX Datasheet HTML 4Page - STMicroelectronics KFXX Datasheet HTML 5Page - STMicroelectronics KFXX Datasheet HTML 6Page - STMicroelectronics KFXX Datasheet HTML 7Page - STMicroelectronics KFXX Datasheet HTML 8Page - STMicroelectronics KFXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
19 March 2014
DocID4337 Rev 13
1/21
KFXX
Very low drop voltage regulators with inhibit
Datasheet
- production data
Features
• Very low dropout voltage (0.4 V)
• Very low quiescent current (typ. 50 µA in OFF
mode, 500 µA in ON mode)
• Output current up to 500 mA
• Logic-controlled electronic shutdown
• Output voltages of 2.5; 3.3; 5; 8 V
• Internal current and thermal limit
• Only 2.2 µF for stability
• Available in ± 2 % accuracy at 25 °C
• Supply voltage rejection: 70 db (typ.)
• Temperature range: - 40 to 125 °C
Description
The KF series are very low drop regulators
available in SO-8 and DPAK packages and in a
wide range of output voltages.
The very low dropout voltage (0.4 V) and the very
low quiescent current make them particularly
suitable for low noise, low power applications and
especially in battery powered systems.
A shutdown logic control function is available (pin
5, TTL compatible). This means that when the
device is used as a local regulator, it is possible to
put a part of the board in standby, decreasing the
total power consumption. It requires only a 2.2 µF
capacitor for stability allowing space and cost
saving.
DPAK
SO-8
Table 1. Device summary
Order codes
Output voltages
SO-8 (tape and reel)
DPAK (tape and reel)
KF25BD-TR
KF25BDT-TR
2.5 V
KF33BD-TR
KF33BDT-TR
3.3 V
KF50BD-TR
KF50BDT-TR
5 V
KF80BDT-TR
8 V
www.st.com


Similar Part No. - KFXX

ManufacturerPart #DatasheetDescription
logo
MMD Components
KFXXAC1 MMD-KFXXAC1 Datasheet
99Kb / 1P
Plastic SMD Package
KFXXAC3 MMD-KFXXAC3 Datasheet
99Kb / 1P
Plastic SMD Package
KFXXAD1 MMD-KFXXAD1 Datasheet
99Kb / 1P
Plastic SMD Package
KFXXAD3 MMD-KFXXAD3 Datasheet
99Kb / 1P
Plastic SMD Package
logo
STMicroelectronics
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
More results

Similar Description - KFXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com