Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L78
Description  Thermal overload protection
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L78 Datasheet HTML 26Page - STMicroelectronics L78 Datasheet HTML 27Page - STMicroelectronics L78 Datasheet HTML 28Page - STMicroelectronics L78 Datasheet HTML 29Page - STMicroelectronics L78 Datasheet HTML 30Page - STMicroelectronics L78 Datasheet HTML 31Page - STMicroelectronics L78 Datasheet HTML 32Page - STMicroelectronics L78 Datasheet HTML 33Page - STMicroelectronics L78 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Application information
L78
30/54
DocID2143 Rev 34
Figure 25: Adjustable output voltage with temperature compensation
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with
the temperature. C allows a slow rise time of the VO.
Figure 26: Light controllers (VO(min) = VXX + VBE)
Figure 27: Protection against input short-circuit with high capacitance loads
Application with high capacitance loads and an output voltage greater than 6 volts
need an external diode (see Figure 22: "Reducing power dissipation with dropping
resistor") to protect the device against input short circuit. In this case the input
voltage falls rapidly while the output voltage decrease slowly. The capacitance
discharges by means of the base-emitter junction of the series pass transistor in
the regulator. If the energy is sufficiently high, the transistor may be destroyed.
The external diode by-passes the current from the IC to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com