Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P451XG Datasheet(PDF) 2 Page - NEC

Part # P451XG
Description  NEC P451XG Professional Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P451XG Datasheet(HTML) 2 Page - NEC

  P451XG Datasheet HTML 1Page - NEC P451XG Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC P451XG
Version 1
June 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC P451XG
SPECIAL CHARACTERISTICS
Auto Eco Mode, Contrast Ratio 4000:1 with Iris, Control ID
Function, DICOM Simulation, Direct Power-Off Function,
Geometric correction by software, Help Function, HTTP Browser
Control, Kensington security slot, Keypad Lock, Keystone
Correction (H=±30°, V=±30°), Lens Cover, Lens Shift, vertical
+50%, Magnify, Manual Wall Color Correction, Mouse Control with
USB Display, NaViSet Administrator 2, Optional User Logo, OSD
with 27 languages, Password Security System, Pincushion
Correction, Plug&Play W-LAN Option, Quick Start, Remote
Desktop, Source Select with Beep Function, Test Pattern, Timer-
Function, Unique Power Saving Functions, USB Display including
Audio, USB Viewer, Virtual Remote for direct PC control, Windows
7 Network Projector, Windows Media Connect Function, Windows
Network Drive
Energy
Efficiency
0.4W Power save mode; 40% AV mute function;
Auto ECO Mode; Auto Power ON/OFF; Carbon
Savings Meter; Direct Power-Off Function;
Green one touch ECO and AV mute button; Off-
Timer; Timer-Function
Ecological
Materials
Downloadable manuals; ECO packaging
Ecological
Standards
ErP compliant; RoHs compliant
Technical Specification NEC P451XG
IMAGE
Projection Technology
3 x 1.6 cm (0.63") LCD Panel with MLA
Native Resolution
1024 x 768 (XGA)
Contrast Ratio 1
4000:1
Brightness 1
4,500 Bright / 3,600 Normal / 3,000 Eco
Lamp
240W UHP AC
Lamp Life [hrs]
6000 Eco / 4000 Normal / 3500 High Bright Mode
Lens
F= 1.7–2.2, f= 17.4–29 mm
Lens shift
Vertical lens shift 0 - 0.5
Keystone correction
manual H/V +/-30°
Projection Factor
1.3 – 2.2 : 1
Projection Distance [m]
0.6 – 13.8
Screen Size (diagonal) [cm] / [inch]
Maximum: 762 / 300"; Minimum: 64 / 25"
Zoom
1 - 1.7
Focus Adjustment
Manual
Supported Resolutions
Up to 1920 x 1200 (WUXGA)
Frequency
Horizontal: 15–100 kHz (RGB: 24 kHz); Vertical: 50 – 120 Hz
CONNECTIVITY
RGB (analogue)
Input: 1 x Mini D-sub 15 pin
Output: 1 x Mini D-sub 15 pin
HDMI™
Input: 2 x HDMI™ (Deep Color, Lip sync) with HDCP
Video
Input: 1 x RCA
S-Video
Input: 1 x Mini DIN 4-pin
Audio
Input: 1 x 3.5 mm Microphone Jack; 1 x 3.5 mm Stereo Mini Jack for Computer
analogue; 1 x RCA Stereo for Video and S-Video; 2 x HDMI audi
o
Output: 1 x 3.5 mm Stereo Mini Jack (variable)
Control
Input: 1 x D-Sub 9 pin (RS-232) (male)
LAN
1 x RJ45
USB
1 x Type B; 2 x Type A (USB 2.0 high speed)
Video Signals
NTSC 3.58; NTSC 4.43; PAL; PAL-M; PAL-N; PAL60; SECAM
REMOTE CONTROL
Remote Control
Aspect Ratio; Audio Control; Auto Adjust; Eco Mode Control; Freeze-function;
Help-function; ID set; Keystone Correction; Magnify-function; Page (up, down);
Picture Adjust; Picture Mute; Power (On-OFF); Presentation and Mouse Control;
Select (up, down, left, right); Source Select
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
325W (High Bright)/ 260W (Normal)/ 248W (Eco)
MECHANICAL
Dimensions (W x H x D) [mm]
398 x 115 x 282 (without lens and feet)
Weight [kg]
4.1
Fan Noise [dB (A)]
30 / 37 (Eco / Normal)
ERGONOMICS
Safety and Ergonomics
CE; ErP; RoHS; TÜV GS
Speakers [W]
1 x 16 (mono)
WARRANTY
Projectors
5 years conditional warranty
Lamp
6 months, max 2,000 hours
SHIPPING CONTENT
Shipping Contents
IR Remote Control (RD-448E); Mini D-SUB Signal Cable (1.8 m); Power Cord (1.8
m); Projector; Quick Setup Guide; Security Sticker; Users Manual; Utility software
OPTIONAL ACCESSORIES
Optional Accessories
;
Cable Cover (NP03CV); Free Wireless Image Utility App;
Lamp (NP23LP); Universal Ceiling Mounts (PROJBUN1E/1S/2S/3S);
Wireless LAN module NP02LM2
1 Compliance with ISO21118-2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com