Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P463 Datasheet(PDF) 1 Page - NEC

Part # P463
Description  NEC LCD 46 Large Format Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P463 Datasheet(HTML) 1 Page - NEC

  P463 Datasheet HTML 1Page - NEC P463 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(limited availability).
This document is © copyright 2016 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.
NEC MultiSync® P463
Order Code: P463
NEC LCD 46" Large Format Display
The slimmer, lighter MultiSync®
features that make it the ideal professional choice for any 24/7
Retail, Transportation, Corporate or Control Room applications
that demand trusted performance, flexibility and lower costs of
operation.
New Connectivity and Sensors allow additional creativity in the
content displayed and how it is controlled. The unique built-in
NFC sensor in combination with NEC’s new Android app
reduces installation and maintenance times, especially useful
on larger installations. The Human Sensor is aware of
proximity based viewer presence and can change brightness,
volume, inputs or power the display up or down resulting in
added engagement and considerable energy savings over time.
DELIVERING GENUINE BENEFITS
Programmable Ambient Light Sensor - for reduced power
consumption and eye pleasing brightness levels.
Future Ready with OPS Cable Free Expansion - Upgrade the
power of your display at any time without the need for external
cables or devices.
DICOM support- for medical applications.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
OUTSTANDING PERFORMANCE
Reduce Installation and Operating Costs. The combination of LED back lights,
Intelligent Wireless Data (NFC), programmable Ambient Light Sensor and (optional)
OPS Slot-in PCs delivers the lowest installation and operating cost of any public
display on the market.
•
Intelligent Wireless Data (based on NFC). The built-in near field
communication (NFC) chip allows data to be read and written with a mobile phone
or tablet PC. Using the NEC Android app the user can pre-configure the display e.g.
LAN settings, language etc. by holding an NFC capable device close to the display.
All data will be transferred to the screen without the display needing power. This
reduces set up and installation time and cost.
•
Human Sensor. Save on power and reduce operating cost when the display
operates at a very low brightness level and only switches to a higher brightness
e.g. switch inputs automatically to change from entertainment to information when a
person approaches the screen.
•
Interface Extension. This slot offers unique flexibility for additional connections with
the choice of adding a single digital or two analogue boards.
•


Similar Part No. - P463

ManufacturerPart #DatasheetDescription
logo
NEC
P463-MT NEC-P463-MT Datasheet
636Kb / 2P
NEC LCD 46" Large Format Touch Screen
logo
Hamamatsu Corporation
P4631 HAMAMATSU-P4631 Datasheet
117Kb / 4P
Infrared detector module with preamp
P4631-01 HAMAMATSU-P4631-01 Datasheet
117Kb / 4P
Infrared detector module with preamp
P4631-03 HAMAMATSU-P4631-03 Datasheet
117Kb / 4P
Infrared detector module with preamp
P4631-04 HAMAMATSU-P4631-04 Datasheet
117Kb / 4P
Infrared detector module with preamp
More results

Similar Description - P463

ManufacturerPart #DatasheetDescription
logo
NEC
P463-MT NEC-P463-MT Datasheet
636Kb / 2P
NEC LCD 46" Large Format Touch Screen
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
NEC LCD 46 Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
P703 NEC-P703 Datasheet
818Kb / 2P
NEC LCD 70 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
NEC LCD 80 Large Format Display
V463 NEC-V463 Datasheet
691Kb / 2P
NEC LCD 46 Large Format Display
V463-TM NEC-V463-TM Datasheet
1Mb / 2P
NEC LCD 46 Large Format Display
X462S NEC-X462S Datasheet
940Kb / 2P
NEC LCD 46 Large Format Display
X464UN NEC-X464UN Datasheet
786Kb / 2P
NEC LCD 46 Large Format Display
X464UNS NEC-X464UNS Datasheet
908Kb / 2P
NEC LCD 46 Specialty Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com