Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78S09C
Description  Short circuit protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 1 Page - STMicroelectronics

  L78S09C Datasheet HTML 1Page - STMicroelectronics L78S09C Datasheet HTML 2Page - STMicroelectronics L78S09C Datasheet HTML 3Page - STMicroelectronics L78S09C Datasheet HTML 4Page - STMicroelectronics L78S09C Datasheet HTML 5Page - STMicroelectronics L78S09C Datasheet HTML 6Page - STMicroelectronics L78S09C Datasheet HTML 7Page - STMicroelectronics L78S09C Datasheet HTML 8Page - STMicroelectronics L78S09C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
March 2014
DocID2148 Rev 8
1/35
L78S
2 A positive voltage regulator IC
Datasheet
- production data
Features
• Output current up to 2 A
• Output voltages of 5; 7.5; 9; 10; 12; 15; 18; 24 V
• Thermal protection
• Short circuit protection
• Output transition SOA protection
Description
The L78S series of three-terminal positive
regulators is available in TO-220 package and
several fixed output voltages, making it useful in a
wide range of applications. These regulators can
provide local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type embeds internal current
limiting, thermal shut-down and safe area
protection, making it essentially indestructible. If
adequate heat sinking is provided, they can
deliver over 2 A output current. Although
designed primarily as fixed voltage regulators,
these devices can be used with external
components to obtain adjustable voltages and
currents.
TO-220
Table 1. Device summary
Part numbers
TO-220 packages
Output voltage
Dual gauge
Single gauge
L78S05C
L78S05CV-DG
L78S05CV
5 V
L78S75C
L78S75CV-DG
L78S75CV
7.5 V
L78S09C
L78S09CV-DG
L78S09CV
9 V
L78S10C
L78S10CV-DG
L78S10CV
10 V
L78S12C
L78S12CV-DG
L78S12CV
12 V
L78S15C
L78S15CV-DG
L78S15CV
15 V
L78S18C
L78S18CV
18 V
L78S24C
L78S24CV
24 V
www.st.com


Similar Part No. - L78S09C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78S09C STMICROELECTRONICS-L78S09C Datasheet
262Kb / 21P
2A POSITIVE VOLTAGE REGULATORS
Jan-1993
L78S09C STMICROELECTRONICS-L78S09C Datasheet
1Mb / 31P
2 A positive voltage regulators
20-Mar-2008
L78S09C STMICROELECTRONICS-L78S09C Datasheet
1Mb / 39P
2 A positive voltage regulators
22-Mar-2010
L78S09CT STMICROELECTRONICS-L78S09CT Datasheet
262Kb / 21P
2A POSITIVE VOLTAGE REGULATORS
Jan-1993
L78S09CV STMICROELECTRONICS-L78S09CV Datasheet
262Kb / 21P
2A POSITIVE VOLTAGE REGULATORS
Jan-1993
More results

Similar Description - L78S09C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
SHORT CIRCUIT PROTECTION
Jul-2003
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
Continuous Short Circuit Protection
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
Short circuit protection
10-Mar-2016
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com