Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09CV-DG Datasheet(PDF) 13 Page - STMicroelectronics

Part # L78S09CV-DG
Description  Short circuit protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09CV-DG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L78S09CV-DG Datasheet HTML 9Page - STMicroelectronics L78S09CV-DG Datasheet HTML 10Page - STMicroelectronics L78S09CV-DG Datasheet HTML 11Page - STMicroelectronics L78S09CV-DG Datasheet HTML 12Page - STMicroelectronics L78S09CV-DG Datasheet HTML 13Page - STMicroelectronics L78S09CV-DG Datasheet HTML 14Page - STMicroelectronics L78S09CV-DG Datasheet HTML 15Page - STMicroelectronics L78S09CV-DG Datasheet HTML 16Page - STMicroelectronics L78S09CV-DG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID2148 Rev 8
13/35
L78S
Electrical characteristics
35
Refer to the test circuits, TJ = 25 °C, VI = 19 V, IO = 500 mA, unless otherwise specified.
Table 8. Electrical characteristics of L78S12C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
11.5
12
12.5
V
VO
Output voltage
IO = 1 A, VI = 14.5 V
11.4
12
12.6
V
ΔVO
Line regulation
VI = 14.5 to 30 V
240
mV
VI = 16 to 22 V
120
ΔVO
Load regulation
IO = 20 mA to 1.5 A
240
mV
IO = 2 A
150
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20 mA to 1 A
0.5
mA
VI = 14.5 to 30 V, IO = 20 mA
1
ΔVO/ΔT Output voltage drift
IO = 5 mA, TJ = 0 °C to 70 °C
-1
mV/°C
eN
Output noise voltage
B =10 Hz to 100 kHz
75
µV
SVR
Supply voltage rejection
f = 120 Hz
47(1)
dB
VI
Operating input voltage
IO ≤ 1 A
15
V
RO
Output resistance
f = 1 kHz
18
m
Ω
Isc
Short circuit current
VI = 27 V
500
mA
Iscp
Short circuit peak current
3
A
1.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com