Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7927 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7927
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7927 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7927 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7927 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7927
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 8
G52201-0, Rev 3.0
04/05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 8: Pad Assignments for VSC7927 Die
PAD 25
PAD 24
PAD 23
PAD 22
PAD 21
PAD 20
PAD 19
PAD 18
VIB
GND
IOUT
IOUT
GND
GND
NIOUT
IBIAS
PAD 1
PAD 34 PAD 33 PAD 32 PAD 31 PAD 30 PAD 29 PAD 28 PAD 27 PAD 26
DCC
VSS
VSS
VSS
VSS
VIP
MIP
MIP
MIB
PAD 2
PAD 3
PAD 4
PAD 5
PAD 6
PAD 7
PAD 8
N/C
NDIN
DIN
DINT
CLOCKT
CLOCK
NCLOCK
N/C
PAD 9
PAD 10
PAD 11
PAD 12 PAD 13 PAD 14 PAD 15 PAD 16 PAD 17
SEL
GND
GND
GND
GND
GND
GND
NMARK
MARK
120
µm
120
150
µm
30
µm
1720
µm
1620
µm
1720
µm
1620
µm
50
µm
50
µm
Die Size:
1620µm x 1620µm
Actual Die Size: 1720µmx1720µm (after the die are cut up)
Pad Size:
120µm x 120µm
Pad Pitch:
150µm
Space
Between Pads:
30µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com