Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777B Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9777B
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9777B Datasheet HTML 5Page - STMicroelectronics L9777B Datasheet HTML 6Page - STMicroelectronics L9777B Datasheet HTML 7Page - STMicroelectronics L9777B Datasheet HTML 8Page - STMicroelectronics L9777B Datasheet HTML 9Page - STMicroelectronics L9777B Datasheet HTML 10Page - STMicroelectronics L9777B Datasheet HTML 11Page - STMicroelectronics L9777B Datasheet HTML 12Page - STMicroelectronics L9777B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID13496 Rev 4
9/25
L9777
Absolute maximum ratings
24
2
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Input voltage VI
VVI
Voltage
-0.3
40
V
IVI
Current
Internal limited
VCC
VVCC
Voltage
-0.3
5.5
V
IVCC
Current
Internal limited
NMI
VNMI
Voltage
-0.3
VCC+0.3
V
INMI
Current
Internal limited
D
VD
Voltage
-0.3
VCC+0.3
V
Current
Internal limited
RADJ
VRADJ
Voltage
-0.3
VCC+0.3
V
IRADJ
Current
Internal limited
WD
VWD
Voltage
-0.3
VCC+0.3
V
IWD
Current
Internal limited
WD_EN
VWD_EN Voltage
-0.3
VCC+0.3
V
IWD_EN
Current
Internal limited
VDD_EN
VVDD_EN Voltage
-0.3
VCC+0.3
V
IVDD_EN Current
Internal limited
RESET
VRESET Voltage
-0.3
VCC+0.3
V
IRESET
Current
Internal limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com