Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39115J Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD39115J
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD39115J Datasheet HTML 7Page - STMicroelectronics LD39115J Datasheet HTML 8Page - STMicroelectronics LD39115J Datasheet HTML 9Page - STMicroelectronics LD39115J Datasheet HTML 10Page - STMicroelectronics LD39115J Datasheet HTML 11Page - STMicroelectronics LD39115J Datasheet HTML 12Page - STMicroelectronics LD39115J Datasheet HTML 13Page - STMicroelectronics LD39115J Datasheet HTML 14Page - STMicroelectronics LD39115J Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID15527 Rev 6
11/21
LD39115J
Typical performance characteristics
21
Figure 16. Quiescent current vs. temperature
(VOUT = 2.8 V, IOUT = 0.15 A)
Figure 17. Quiescent current vs. input voltage
Figure 18. Quiescent current vs. output current
Figure 19. Supply voltage rejection vs.
temperature (VOUT = 1.2 V)
V
OUT = 2.8 V
V
IN = 3.8 V, IOUT = 0.15 A
0
10
20
30
40
50
60
70
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 2.8 V
V
IN = 3.8 V, IOUT = 0.15 A
0
10
20
30
40
50
60
70
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 1.3 V
I
OUT = 1 mA
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
00.5
11.5
22.5
3
3.5
44.5
5
5.5
6
V
IN [V]
V
OUT = 1.3 V
I
OUT = 1 mA
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
00.5
11.5
22.5
3
3.5
44.5
5
5.5
6
V
IN [V]
V
OUT = 2.8 V
V
IN = 2.3 V
0
5
10
15
20
25
30
35
40
45
50
0
0.025 0.05 0.075 0.1 0.125 0.15 0.175 0.2 0.225
I
OUT [A]
V
OUT = 2.8 V
V
IN = 2.3 V
0
5
10
15
20
25
30
35
40
45
50
0
0.025 0.05 0.075 0.1 0.125 0.15 0.175 0.2 0.225
I
OUT [A]
V
IN from 2.1 V to 2.3 V IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 1.2 V
40
50
60
70
80
90
100
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 2.1 V to 2.3 V IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 1.2 V
40
50
60
70
80
90
100
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com