Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH1201QL Datasheet(PDF) 2 Page - NEC

Part # PH1201QL
Description  NEC Laser Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PH1201QL Datasheet(HTML) 2 Page - NEC

  PH1201QL Datasheet HTML 1Page - NEC PH1201QL Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC PH1201QL - Technical Specification
IMAGE
Projection Technology
DC4K Chip - DLP™ Technology
Native Resolution
4096 x 2160 (4K)
Aspect Ratio
19:10
Contrast Ratio 1
2000:1
Brightness 1
12000 ANSI Lumen, with std. optional lense
Lamp
Laser Light Source
Lamp Life [hrs]
20000
Lens
9 optional bayonet lenses
Projection Factor
depending on lens selection
Zoom
Motorized
Focus Adjustment
Motorized
Supported Resolutions
4096 x 2160p @ 60/50/30/25/24 Hz; 3840 x 2160p @ 60/50/30/25/24 Hz; 2048 x 1080p @ 60/50/30/25/24 Hz; 1920 x 1080p @
60/50/30/25/24 Hz
CONNECTIVITY
Digital
Input: 2 x DVI-D; 2 x HDMI™ supporting HDCP; 4 x 3G-SDI
Control
Input: 1 x D-Sub 9 pin (RS-232), Ethernet
ELECTRICAL
Power Supply
200-240 V AC; 50 - 60 Hz
Power Consumption [W]
1600 Normal Mode
MECHANICAL
Dimensions (W x H x D) [mm]
700 x 323 x 935 (without lens and feet)
Weight [kg]
67.5
Fan Noise [dB (A)]
54
Colour Versions
Black
ERGONOMICS
Safety and Ergonomics
CE; ErP; RoHS; TÜV GS
ADDITIONAL FEATURES
Special Characteristics
Full 3D HDMI Support; LAN; Lens Shift (vertical -0;+0.5, horizontal ± -0.06; +0.08); Light Source Adjustment; Portrait Setting; RS-232
Control
GREEN FEATURES
Energy Efficiency
Laser Light Source
Ecological Standards
ErP compliant
WARRANTY
Projectors
3 years conditional warranty
Light Source
3 years or 10000h (whatever comes first)
OPTIONAL ACCESSORIES
Lenses
L2K-10F1 (0.9:1); L2K-30ZM (2.71-3.89:1); L2K-43ZM1 (4.3-6.1:1); L2K-55ZM1 (4.8-7.4:1); NC-50LS12Z (1.13-1.66:1); NC-50LS14Z
(1.3-1.85:1); NC-50LS16Z (1.45-2.17:1); NC-50LS18Z (1.63-2.71:1); NC-50LS21Z (1.95-3.26:1); Bracket PROJBUN1XL
1
Compliance with ISO21118-2005
50% of initial brightness at the end of specified laser life time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com