Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U321HG Datasheet(PDF) 2 Page - NEC

Part # U321HG
Description  NEC Professional Ultra-Short-Throw Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

U321HG Datasheet(HTML) 2 Page - NEC

  U321HG Datasheet HTML 1Page - NEC U321HG Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC U321HG - Technical Specification
IMAGE
Projection Technology
1-chip DLP™ Technology
Native Resolution
1920 x 1080 (FULL-HD)
Aspect Ratio
16:9
Contrast Ratio 1
10000:1
Brightness 1
3200 ANSI Lumen (approx. 85% in Eco Mode)
Lamp
260 W AC (220 W AC Eco Mode)
Lamp Life [hrs]
3000 (4000 Eco Mode)
Lens
F= 2.4, f= 3.72 mm
Lens Offset [%]
65
Projection Angle [°]
57
Projection Factor
0.25 : 1
Projection Distance [m]
0.195 – 0.306
Screen Size (diagonal) [cm] / [inch]
Maximum: 254 / 100"; Minimum: 215 / 85"
Zoom
Digital Zoom
Focus Adjustment
Manual
Supported Resolutions
1920 x 1080 (HDTV 1080i/60; HDTV 1080i/50); 1680 x 1050 (WSXGA+); 1600 x 1200 (UXGA); 1600 x 900 (WXGA++); 1440 x 900
(WXGA+); 1400 x 1050 (SXGA+); 1366 x 768 (WXGA); 1360 x 768 (WXGA); 1280 x 1024 (SXGA); 1280 x 1024 (MAC 23"); 1280 x 960
(SXGA); 1280 x 800 (WXGA); 1280 x 768 (WXGA); 1280 x 720 (HDTV 720p); 1152 x 870 (MAC 21"); 1152 x 864 (XGA); 1024 x 768 (XGA);
832 x 624 (MAC 16"); 800 x 600 (SVGA); 720 x 576 SDTV 480p/480i; 720 x 480 SDTV 576p/576i; 640 x 480 (VGA/MAC 13")
Frequency
Horizontal: 15–100 kHz (RGB: 24 kHz– 100 kHz); Vertical: 50 – 120 Hz
CONNECTIVITY
RGB (analog)
Input: 1 x Mini D-sub 15-pin, compatible to component (YPbPr)
Output: 1 x Mini D-sub 15 pin
HDMI™
Input: 1 x HDMI™ (Deep Color, Lip sync); 1 x HDMI™ with MHL support
Video
Input: 1 x RCA
Audio
Input: 1 x 3.5 mm Stereo Mini Jack; 1 x RCA Stereo
Output: 1 x 3.5 mm Stereo Mini Jack (variable)
Control
Input: 1 x D-Sub 9 pin (RS-232) (male)
LAN
1 x RJ45
USB
1 x Mini USB; 1 x Type A (USB 2.0 high speed)
Video Signals
NTSC; NTSC 3.58; NTSC 4.43; PAL; PAL-M; PAL-N; PAL60; SECAM
REMOTE CONTROL
Remote Control
Aspect Ratio; Audio Control; Auto Adjust; AV Mute; Digital Zoom; Direct Source Select; Freeze; Help Eco Mode; Help-function; ID set;
Picture Adjust; Presentation and Mouse Control
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
312 (Normal) / 264 (Eco) / 2.2 (Network Stand-by) / 0.3 (Stand-by)
MECHANICAL
Dimensions (W x H x D) [mm]
383 x 85 x 308 (without lens and feet)
Weight [kg]
4.7
Fan Noise [dB (A)]
29 / 34 (Eco / Normal)
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
5 to 40
Operating Humidity [%]
20 to 80 non-condensing
Storage Temperature [°C]
-20 to 60
Storage Humidity [%]
20 to 90 non-condensing
ERGONOMICS
Safety and Ergonomics
CE; Gost-R; RoHS; TÜV GS
Speakers [W]
1 x 8 (mono)
GREEN FEATURES
Ecological Materials
100% recyclable packaging; Downloadable manuals; ECO packaging
Ecological Standards
ErP compliant; RoHs compliant
WARRANTY
Projectors
5 years conditional warranty
Light Source
6 months, max. 2000 hrs
SHIPPING CONTENT
Shipping Contents
Attachment Plate; IR Remote Control (RD469E); Mini D-SUB Signal Cable (1.8 m); Power Cord; Quick Setup Guide; Security Sticker;
Users Manual; Wall-mount kit NP04WK
OPTIONAL ACCESSORIES
Optional Accessories
TBA
1
Compliance with ISO21118-2005
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local
NEC representatives for further details. Although all efforts have been made to ensure that the contents are correct, NEC shall not be liable for any
direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related materials. The information
contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2015 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC
Corporation that may be registered in Japan and other jurisdictions. All other trademarks are the property of their respective owners. All rights reserved.
Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
Product | v. 22.12.2015
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
Australia
NEC Australia Pty Ltd
au.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
sg.nec.com
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com