Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U321HGI Datasheet(PDF) 2 Page - NEC

Part # U321HGI
Description  NEC Interactive Multi-Pen Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

U321HGI Datasheet(HTML) 2 Page - NEC

  U321HGI Datasheet HTML 1Page - NEC U321HGI Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC U321HGi (Multi-Pen) - Technical Specification
IMAGE
Projection Technology
1-chip DLP™ Technology
Native Resolution
1920 x 1080 (FULL-HD)
Aspect Ratio
16:9
Contrast Ratio 1
10000:1
Brightness 1
3200 ANSI Lumen (approx. 85% in Eco Mode)
Lamp
260 W AC (220 W AC Eco Mode)
Lamp Life [hrs]
3000 (4000 Eco Mode)
Lens
F= 2.4, f= 3.72 mm
Lens Offset [%]
65
Projection Angle [°]
57
Projection Factor
0.25 : 1
Projection Distance [m]
0.195 – 0.306
Screen Size (diagonal) [cm] / [inch]
Maximum: 254 / 100"; Minimum: 215 / 85"
Zoom
Digital Zoom
Focus Adjustment
Manual
Supported Resolutions
1920 x 1080 (HDTV 1080i/60; HDTV 1080i/50); 1680 x 1050 (WSXGA+); 1600 x 1200 (UXGA); 1600 x 900 (WXGA++); 1440 x 900
(WXGA+); 1400 x 1050 (SXGA+); 1366 x 768 (WXGA); 1360 x 768 (WXGA); 1280 x 1024 (SXGA); 1280 x 1024 (MAC 23"); 1280 x 960
(SXGA); 1280 x 800 (WXGA); 1280 x 768 (WXGA); 1280 x 720 (HDTV 720p); 1152 x 870 (MAC 21"); 1152 x 864 (XGA); 1024 x 768 (XGA);
832 x 624 (MAC 16"); 800 x 600 (SVGA); 720 x 576 SDTV 480p/480i; 720 x 480 SDTV 576p/576i; 640 x 480 (VGA/MAC 13")
Frequency
Horizontal: 15–100 kHz (RGB: 24 kHz– 100 kHz); Vertical: 50 – 120 Hz
CONNECTIVITY
RGB (analog)
Input: 1 x Mini D-sub 15-pin, compatible to component (YPbPr)
Output: 1 x Mini D-sub 15 pin
HDMI™
Input: 1 x HDMI™ (Deep Color, Lip sync); 1 x HDMI™ with MHL support
Video
Input: 1 x RCA
Audio
Input: 1 x 3.5 mm Stereo Mini Jack; 1 x RCA Stereo
Output: 1 x 3.5 mm Stereo Mini Jack (variable)
Control
Input: 1 x D-Sub 9 pin (RS-232) (male)
LAN
1 x RJ45
USB
1 x Mini USB; 1 x Type A (USB 2.0 high speed)
Video Signals
NTSC; NTSC 3.58; NTSC 4.43; PAL; PAL-M; PAL-N; PAL60; SECAM
REMOTE CONTROL
Remote Control
Aspect Ratio; Audio Control; Auto Adjust; AV Mute; Digital Zoom; Direct Source Select; Freeze; Help Eco Mode; Help-function; ID set;
Picture Adjust; Presentation and Mouse Control
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
312 (Normal) / 264 (Eco) / 2.2 (Network Stand-by) / 0.3 (Stand-by)
MECHANICAL
Dimensions (W x H x D) [mm]
383 x 85 x 308 (without lens and feet)
Weight [kg]
4.7
Fan Noise [dB (A)]
29 / 34 (Eco / Normal)
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
5 to 40
Operating Humidity [%]
20 to 80 non-condensing
Storage Temperature [°C]
-20 to 60
Storage Humidity [%]
20 to 90 non-condensing
ERGONOMICS
Safety and Ergonomics
CE; Gost-R; RoHS; TÜV GS
Speakers [W]
1 x 8 (mono)
ADDITIONAL FEATURES
Special Characteristics
AMX Beacon; Auto Eco Mode; Auto Power ON/OFF; Crestron RoomView; DICOM Simulation; Direct Power-Off Function; High Altitude
Mode; Kensington security slot; Keypad Lock; Magnify; Manual vertical Keystone Correction (V= ±5°); NaViSet Administrator 2; Off-
Timer; Optional User Logo; OSD with 30 languages; Password Security System; PJ LINK; Quick On/Off; Remote control and
administration via LAN and RS232; Security Bar; Test Pattern; Wall Colour Correction
GREEN FEATURES
Ecological Materials
100% recyclable packaging; Downloadable manuals; ECO packaging
Ecological Standards
ErP compliant; RoHs compliant
WARRANTY
Projectors
5 years conditional warranty
Light Source
6 months, max. 2000 hrs
SHIPPING CONTENT
Shipping Contents
Attachment Plate; Interactive Module incl. 2 pens (NP04Wi); IR Remote Control (RD469E); Mini D-SUB Signal Cable (1.8 m); Power Cord;
Quick Setup Guide; Security Sticker; Users Manual; Wall-mount kit NP04WK
OPTIONAL ACCESSORIES
Optional Accessories
DisplayNote; DLP-Link 3D Glasses (NP02GL); Lamp (NP34LP)
1
Compliance with ISO21118-2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com