Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE33CD-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LE33CD-TR
Description  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE33CD-TR Datasheet(HTML) 1 Page - STMicroelectronics

  LE33CD-TR Datasheet HTML 1Page - STMicroelectronics LE33CD-TR Datasheet HTML 2Page - STMicroelectronics LE33CD-TR Datasheet HTML 3Page - STMicroelectronics LE33CD-TR Datasheet HTML 4Page - STMicroelectronics LE33CD-TR Datasheet HTML 5Page - STMicroelectronics LE33CD-TR Datasheet HTML 6Page - STMicroelectronics LE33CD-TR Datasheet HTML 7Page - STMicroelectronics LE33CD-TR Datasheet HTML 8Page - STMicroelectronics LE33CD-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
May 2017
DocID2573 Rev 15
1/24
This is information on a product in full production.
www.st.com
LEXX
Very low-dropout voltage regulator with inhibit function
Datasheet - production data
Features
Very low-dropout voltage (0.2 V typ.)
Very low quiescent current (typ. 50 µA in
OFF mode, 0.5 mA in ON mode, no load)
Output current up to 100 mA
Output voltages: 3 V, 3.3 V, 4.5 V, 5 V, 8 V
Internal current and thermal limit
Small 2.2 µF capacitor for stability
Available in ±1% (A) or ±2% (C) selection at
25 °C
Supply voltage rejection: 80 dB (typ.)
Temperature range: -40 to 125 °C
Description
The LEXX is a very low-dropout voltage regulator
available in SO-8, TO-92 packages and over a
wide range of output voltages.
The very low-dropout voltage (0.2 V) and low
quiescent current make it particularly suitable for
low-noise, low-power applications and in battery-
powered systems.
This device is pin-to-pin compatible with the L78L
series. Furthermore, in the 8-pin configuration
(SO-8), it uses a shutdown logic control (pin 5,
TTL compatible). This means that when the
device is used as a local regulator, a part of the
board can be put in standby, decreasing the total
power consumption. In the three-terminal
configuration (TO-92), the device is always in
on-state. It requires a 2.2 µF capacitor for
stability, reducing the component size and cost.
Table 1: Device summary
Order code
Output voltage (V)
SO-8
TO-92 (Ammopack)
TO-92 (tape and reel)
LE30CD-TR
3
LE33CD-TR
LE33CZ-AP
LE33CZ-TR
3.3
LE45CD-TR
4.5
LE50ABD-TR
LE33ABZ-AP
5
LE50CD-TR
5
LE80CD-TR
8


Similar Part No. - LE33CD-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE33CD-TR STMICROELECTRONICS-LE33CD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results

Similar Description - LE33CD-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
Jul-2003
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Mar-2004
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Taiwan Semiconductor Co...
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
logo
STMicroelectronics
LM2931XX STMICROELECTRONICS-LM2931XX Datasheet
884Kb / 23P
Very low drop voltage regulators with inhibit function
10-Jul-2008
LM2931XX STMICROELECTRONICS-LM2931XX_10 Datasheet
857Kb / 21P
Very low drop voltage regulators with inhibit function
26-May-2010
logo
Taiwan Semiconductor Co...
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com