Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903A Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM8903A
Description  3 A step-down monolithic switching regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM8903A Datasheet HTML 25Page - STMicroelectronics PM8903A Datasheet HTML 26Page - STMicroelectronics PM8903A Datasheet HTML 27Page - STMicroelectronics PM8903A Datasheet HTML 28Page - STMicroelectronics PM8903A Datasheet HTML 29Page - STMicroelectronics PM8903A Datasheet HTML 30Page - STMicroelectronics PM8903A Datasheet HTML 31Page - STMicroelectronics PM8903A Datasheet HTML 32Page - STMicroelectronics PM8903A Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
PM8903A
30/33
Doc ID 024147 Rev 1
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Table 10.
VFQFPN16 3 x 3 x 1.0 mm mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.18
0.25
0.30
D
2.85
3.00
3.15
D1
1.50
D2
1.60
E
2.85
3.00
3.15
E1
1.50
E2
1.60
e
0.45
0.50
0.55
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com