Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S15J18R Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST1S15J18R
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15J18R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST1S15J18R Datasheet HTML 15Page - STMicroelectronics ST1S15J18R Datasheet HTML 16Page - STMicroelectronics ST1S15J18R Datasheet HTML 17Page - STMicroelectronics ST1S15J18R Datasheet HTML 18Page - STMicroelectronics ST1S15J18R Datasheet HTML 19Page - STMicroelectronics ST1S15J18R Datasheet HTML 20Page - STMicroelectronics ST1S15J18R Datasheet HTML 21Page - STMicroelectronics ST1S15J18R Datasheet HTML 22Page - STMicroelectronics ST1S15J18R Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ST1S15
Different output voltage versions of the ST1S15
available on request
DocID023280 Rev 4
19/27
9
Different output voltage versions of the ST1S15
available on request
Options available on request:
0.8 V
1 V
1.05 V
1.2 V
1.25 V
1.5 V
1.8 V
1.85 V
1.875 V
2.5 V
2.8 V
3.0 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com