Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2051 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2051
Description  Undervoltage lock out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2051 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2051 Datasheet HTML 2Page - STMicroelectronics ST2051 Datasheet HTML 3Page - STMicroelectronics ST2051 Datasheet HTML 4Page - STMicroelectronics ST2051 Datasheet HTML 5Page - STMicroelectronics ST2051 Datasheet HTML 6Page - STMicroelectronics ST2051 Datasheet HTML 7Page - STMicroelectronics ST2051 Datasheet HTML 8Page - STMicroelectronics ST2051 Datasheet HTML 9Page - STMicroelectronics ST2051 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST2051
Electrical characteristics
Doc ID 12593 Rev 3
7/10
Table 7.
Supply current characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOFF
Switch turned OFF
No load
1.0
5.0
μA
No load; -40 < TJ < 125 °C
10
μA
ION
Switch turned ON
No load
70
90
μA
No load; -40 < TJ < 125 °C
100
μA
Ileakage
Output leakage current
Output grounded, switch is OFF
10
μA
Output grounded, switch is OFF;
-40 < TJ < 125 °C
20
μA
Table 8.
Thermal characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
T1
Thermal shutdown threshold
135
°C
T2
Recovery from thermal shutdown
125
°C
Hyst
Hysteresis
10
°C
Table 9.
UVLO characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VUVLO
Undervoltage lockout threshold
2.0
2.5
V
Hyst
Hysteresis
100
mV
Table 10.
OC pin characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
OC
blanking
OCx assertion and de-assertion(1)
1.
Not tested in production, specified by design.
48
15
ms
VO
Output low voltage
0.4
V
IOFF
OFF current
1.0
μA
Table 11.
EN pin characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
High level input voltage
VI = 2.7 to 5.5 V
2.0
V
VIL
Low level input voltage
VI = 4.5 to 5.5 V
0.8
V
VI = 2.7 to 4.5 V
0.4
V
II
Input current
VIENX = 0 or VI
-0.5
0.5
μA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com