Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC5021 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STCC5021
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5021 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STCC5021 Datasheet HTML 29Page - STMicroelectronics STCC5021 Datasheet HTML 30Page - STMicroelectronics STCC5021 Datasheet HTML 31Page - STMicroelectronics STCC5021 Datasheet HTML 32Page - STMicroelectronics STCC5021 Datasheet HTML 33Page - STMicroelectronics STCC5021 Datasheet HTML 34Page - STMicroelectronics STCC5021 Datasheet HTML 35Page - STMicroelectronics STCC5021 Datasheet HTML 36Page - STMicroelectronics STCC5021 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
STCC5011, STCC5021
36/37
DocID024660 Rev 6
9
Revision history
Table 9. Document revision history
Date
Revision
Changes
20-May-2013
1
Initial release.
24-Jun-2013
2
Updated Features on page 1 (added UL and CB
recognized components).
Updated note 3. below Table 2 (updated data, added
cross-reference to Figure 4).
Updated Table 4 (updated parameters and conditions to
│IREVERSE│, IOL(FAULT), IOL(CHARGING/ATTACH), ICTLx,
IOL(CHARGING/ATTACH) symbols, added IATTACH_EN
symbol).
Added Figure 4 on page 12.
Added Note: in Section 5.1 on page 13.
Added Section 5.9 on page 22.
06-Dec-2013
3
Updated Table 4 (updated min. conditions for IOS - RILIM
96 k
Ω and RILIM 33 kΩ).
Updated Table 5 (updated Host state column, added
footnote 1. and 2.below table).
Updated Section 5.7 (replaced equation by Equation 1 to
Equation 3).
Minor modifications throughout document.
06-Feb-2014
4
Replaced adjustable current limit with 2.8 A throughout
document
Table 4: added current limiter threshold condition “RILIM =
17.2 kΩ"
25-Feb-2014
5
Section 5.7: Power switch: updated Equation 2 and
Equation 3 and added explanation of same.
Table 8: Order codes: added “Marking”
26-Aug-2014
6
Description: added information about S4/S5 deep sleep
off states and G3 shutdown state.
Section 5.5: Attach detection: added information about
S4/S5 deep sleep off states and G3 shutdown state;
replaced Figure 6.
Section 5.6: Charging detection and safety timer: updated
text with respect to S4/S5 states and switching on the low-
power LDO; replaced Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com