Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0382 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0382
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0382 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0382 Datasheet HTML 9Page - STMicroelectronics UM0382 Datasheet HTML 10Page - STMicroelectronics UM0382 Datasheet HTML 11Page - STMicroelectronics UM0382 Datasheet HTML 12Page - STMicroelectronics UM0382 Datasheet HTML 13Page - STMicroelectronics UM0382 Datasheet HTML 14Page - STMicroelectronics UM0382 Datasheet HTML 15Page - STMicroelectronics UM0382 Datasheet HTML 16Page - STMicroelectronics UM0382 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
UM0382
Graphical User Interface
13/32
3.1
Connecting to Virtual the COM port
Before using the functions of the Evaluation Kit Software it is necessary to open the
connection with the EK3LV02DQ board. This is achieved through the following procedure:
1.
connect the EK3LV02DQ to desired USB port;
2.
in the pop-menu “USB ---> Virtual COM” choose the Virtual COM number on which the
board has been mapped. For additional information on how to get this value check
section 2.3;
3.
open the connection by clicking on “Connect” (Figure 9 ref2). Once this procedure is
completed, the General Purpose LED of the board will switch from red to green.
Once the procedure has been completed, the user can acquire, plot and save the
acceleration data measured by the sensor and he/she can access the content of the
registers embedded in the device. Further details about each single function are provided in
the sections hereafter.
Note:
Due to Virtual COM driver communication speed limits, the maximum Output Data Rate
allowed for the device is 640 Hz. Higher Output Data Rate could result in a possible data
loss.
3.2
Registers Read/Write
Through the “Register Read/Write” panel (Figure 9, ref3), the user can either directly write
or read the registers value inside the LIS3LV02DQ device.
In particular, by clicking on the “Read/Write” button a new window appears (Figure 10).
To perform a register read out, the user must select the desired register name into “Reg
Name” pop up menu (ref4) and then he/she must click on the “Read” button (ref2). The
result of the reading will appear in the text box “Reg Value” (ref3).
To write a data into a register, the user must select the desired register name (ref4), choose
the desired value in the text box “Reg Value” (ref3) and then click on the “Write” button
(ref1). In case of read-only registers, the write button is not enabled.
Figure 10.
Registers Read/Write
ref1
ref2
ref4
ref3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com