Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1694 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1694
Description  STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1694 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1694 Datasheet HTML 19Page - STMicroelectronics UM1694 Datasheet HTML 20Page - STMicroelectronics UM1694 Datasheet HTML 21Page - STMicroelectronics UM1694 Datasheet HTML 22Page - STMicroelectronics UM1694 Datasheet HTML 23Page - STMicroelectronics UM1694 Datasheet HTML 24Page - STMicroelectronics UM1694 Datasheet HTML 25Page - STMicroelectronics UM1694 Datasheet HTML 26Page - STMicroelectronics UM1694 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID025509 Rev 1
23/30
UM1694
Bill of material
30
6
Bill of material
Table 7. Bill of material (BOM)
Item Quantity
Reference
Value
Rated
Type
Package
Manufacturer
13
CX1,CX2,C3,
C33
220 nF,10%
520 V
polypropylene
film capacitor
through hole
lead spacing
15 mm
2
1
C1
100 µF,20%
500 Vdc
electrolytic
capacitor
through hole
lead spacing
10 mm
314
C2,C4,C11,C29,
C31,C34,C35,
C36,C40,C41,
C45,C46,C51,
C52
100 nF,10%
50 V
X7R ceramic
capacitor
SMD 0603
4
1
C3
220 nF,10%
520 V
polypropylene
film capacitor
through hole
lead spacing
15 mm
512
C5,C6,C10,C13,
C20,C24,C27,
C28,C38,C39,
C42,C56
100 pF,5%
50 Vdc
C0G ceramic
capacitor
SMD 0603
6
3
C7,C9,C14
470 µF,20%
25 V
electrolytic
capacitor
through hole
lead spacing
3.5 mm
74
C8,C16,C17,
C19
470 nF,10%
50 V
X7R ceramic
capacitor
SMD 1206
85
C12,C47,C48,
C49,C55
1 µF,10%
25 Vdc
X7R ceramic
capacitor
SMD 0805
9
2
C15,C18
10 µF,20%
50 V
electrolytic
capacitor
through hole
lead spacing
2.5 mm
10
1
C21
100 pF10%
6.3 kV
high voltage
ceramic
capacitor
through hole
Lead spacing
10 mm
11
1
C22
22 µF,20%
25 V
electrolytic
capacitor
through hole
lead spacing
2 mm
12
1
C23
4.7 µF,10%
50 V
X7R ceramic
capacitor
SMD 1206
not mounted
13
1
C19
470 nF,10%
50 V
X7R ceramic
capacitor
SMD 0603
14
1
C25
1 nF,10%
50 V
X7R ceramic
capacitor
SMD 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com