Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B9LF
Description  2 Watt Isolated DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B9LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B9LF Datasheet HTML 1Page - Bothhand USA, LP. B9LF Datasheet HTML 2Page - Bothhand USA, LP. B9LF Datasheet HTML 3Page - Bothhand USA, LP. B9LF Datasheet HTML 4Page - Bothhand USA, LP. B9LF Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B9 LF - Series
2 Watt Isolated DC-DC Converter
Low Enable Dual Output
2
Bothhand
www.bothhand
.com
E-mail: sales@bothhand
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
-0.7
12
22.5
24V Input Model
-0.7
24
45
Input Absolute Voltage Range
48V Input Model
-0.7
48
85
Vdc
Output Short Circuit Duration
Nominal Input Range
Indefinite & Auto-Restart
Reverse Polarity Input Current Limit
---
---
---
1
A
Operation Temperature (Ambient
Temperature)
Output Full Load
-25
---
+71
Storage Temperature
-55
---
+105
℃
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
9
12
18
24V Input Model
18
24
36
Input Voltage Range
48V Input Model
36
48
75
Vdc
Line Regulation
Output Full Load
---
---
± 0.5
Load Regulation
Single Output Model
---
---
± 2
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
%
Switching Frequency
---
150
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Isolation Voltage
60 Seconds / 0.5 mA
1000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
MΩ
No Connection (Floating)
Output Voltage=>Hi
0
---
0.4
Low Enable Signal Logic Level
Pin3
(Ve)
Output Voltage=>Low
2.5
---
5.0
Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com