Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1955 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 19Page - STMicroelectronics UM1955 Datasheet HTML 20Page - STMicroelectronics UM1955 Datasheet HTML 21Page - STMicroelectronics UM1955 Datasheet HTML 22Page - STMicroelectronics UM1955 Datasheet HTML 23Page - STMicroelectronics UM1955 Datasheet HTML 24Page - STMicroelectronics UM1955 Datasheet HTML 25Page - STMicroelectronics UM1955 Datasheet HTML 26Page - STMicroelectronics UM1955 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID028405 Rev 1
23/28
UM1955
Bill of material (BOM)
28
12
Bill of material (BOM)
Table 3. Bill of material (part 1)
Item
Qty
Ref.
Part / value
Voltage
Watt
Ampere
Package
1
4
C0, C1, C7, C14
0.1 µF
SMD0603
2
5
C2, C12, C17, C18, C23
22 nF
SMD0603
3
2
C3, C4
22 pF
SMD0603
47
C9, C15, C16, C19, C20,
C21, C22
100 pF
SMD0603
5
1
C10
47 pF
SMD0603
6
1
C11
Not mounted
SMD0603
7
2
R8, R10
Not mounted
SMD0603
8
1
UV
Not mounted
SMD0805
9
1
C13
47 nF
SMD0603
10
2
Cf1, Cf2
3.3 nF
SMD0603
11
1
D1
Photodiode
Through hole
12
1
D2
LED
Orange / Red
SMD0603
13
2
D3, D4
Diode
BAT48JFILM
SOD-323
14
1
Dusb
USB protection
ESDA7P60-1U1M
1610
15
2
ESD1, ESD2
ESD protection dual
ESDALCL6-2SC6
SOT23-6L
16
1
ESD3
ESD protection
ESDALC6V1-1M2
SOD882
17
1
J1
USB A connector
18
1
J2
micro USB B connector
19
6
JP1, JP2, JP4, JP5, JP6,
JP7
TSH 2.54 mm
TSH 2,54
20
1
JP3
TSH 2.54 mm
TSH 2,54
21
5
JP1, JP2, JP3, JP4, JP5
Jumper
22
1
P1
Potentiometer 100 k
23
1
P2
Potentiometer 500 k
24
4
Pr1, Pr2, Pr3, Pr4
connector
25
10
LED_A, LED_K, OutA1,
OutA2, OutB1, OutB2,
Rgain_a, Rgain_b, TP0,
TP1,
connector
26
10
Buff_in, Buff_out, Iin,Iout,
Inst_n, Inst_p, Rect_in,
Rect_out, Vext, Win_in
connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com