Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA-2LF Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # BA-2LF
Description  2 Watt Isolated DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2LF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  BA-2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
Single Output DIL Package Style
9. Recommended Footprint Details
SIL Package Style
DIL Package Style
10. Package
Units : mm ( inch )
Tolerance : .xx ± 0.25 ( ± 0.01)
Pin
1K Vdc - Single
Pin
1
-Vin
No Pin
8
2
-Vo
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5
Bottom View
Date
Code
Printed
Face
BA-0505D2 LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
12.70
[0.50]
10.50
[0.41]
6.50
[0.26]
10.00
[0.39]
7.62
[0.30]
?0.50
[?0.02]
7.62
[0.30]
0.50
[0.02]
5.08
[0.20]
3.05
[0.12]
Min
5.00
[0.20]
7.70
[0.30]
8.50
[0.33]
Bottom View
12.7
[0.50]
10
[0.39]
7.62
[0.30]
-Vin
+Vin
-Vo
+Vo
1
4
5
7
6
[0.24]
1.25
[0.05]
11.68
[0.46]
-Vin +Vin -Vo +Vo
Bottom View
1
2
3
4
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com