Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1975 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1975
Description  Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1975 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1975 Datasheet HTML 9Page - STMicroelectronics UM1975 Datasheet HTML 10Page - STMicroelectronics UM1975 Datasheet HTML 11Page - STMicroelectronics UM1975 Datasheet HTML 12Page - STMicroelectronics UM1975 Datasheet HTML 13Page - STMicroelectronics UM1975 Datasheet HTML 14Page - STMicroelectronics UM1975 Datasheet HTML 15Page - STMicroelectronics UM1975 Datasheet HTML 16Page - STMicroelectronics UM1975 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
UM1975
Component descriptions
DocID028608 Rev 1
13/20
3
Component descriptions
This section describes the devices included on the X-NUCLEO-IDW01M1 expansion
board.
check whether resistor R21 is present on the X-NUCLEO-IDW01M1 board; if it is,
please remove it as it may interfere with JTAG debug.
3.1
SPWF01SA module
The SPWF01SA module is FCC (FCC ID: VRA-SG9011203), IC (IC: 7420A-SG9011203)
and CE certified. The SPWF01SA contains a low power Wi-Fi b/g/n transceiver SoC - a
highly integrated Wi-Fi system dedicated to the WLAN management and compliant with Wi-
Fi network specifications. The interface of the device to the STM32 Nucleo boards is via a
UART interface and some GPIO pins. The SPWF01SA module also integrates an SMD
antenna and has an embedded 38.4 MHz oscillator for the embedded Wi-Fi radio.
Table 8: SPWF01SA details
Feature
Description
Sales type
SPWF01SA.11
Package
SMD 30 pin
Operating voltage
Typ. 3.3 V
3.2
User push-buttons and LED
To command certain I/O signals and signal SPWF01SA module status information, the X-
NUCLEO-IDW01M1 expansion board has two push-buttons and four LEDs.
The hardware and firmware functions associated with the push-buttons and LEDs are
shown in the following table:
Table 9: Push-buttons and LED functions
Feature
Description
RESET (hardware, by the user)
Push the SW1 push-button on the board
GPIO7_ADC1 module signal (hardware &
firmware dependent, by the user)
Push the SW2 push-button on the board
3.3 V board power supply on
LED 1 (green) lit
GPIO10 mod. signal (firmware dependent)
LED 2 (blue) lit
GPIO14 mod. signal (firmware dependent)
LED 3 (red) lit
GPIO13 mod. signal (firmware dependent)
LED 4 (yellow) lit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com