Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BCLF
Description  1.5~3W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BCLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BCLF Datasheet HTML 1Page - Bothhand USA, LP. BCLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC LF Series
1.5~3W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com 17
Technical Specification(2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
4) 1.5 W Dual Output Series
BC-053R6D1(H) LF
±3.6
±200
28
443
70
± 2
65
BC-0505D1(H) LF
5
±5
±150
25
454
70
± 2
66
BC-1205D1(H) LF
±5
±150
16
184
70
± 2
68
BC-1212D1(H) LF
12
±12
±63
16
181
100
± 2
69
BC-2405D1(H) LF
±5
±150
5
96
70
± 2
65
BC-247R2D1(H) LF
±7.2
±100
5
91
75
± 2
66
BC-2415D1(H) LF
24
±15
±50
4
91
120
± 2
69
5) 2.0 W Dual Output Series
BC-0505D2(H) LF
±5
±200
45
615
70
± 2
65
BC-0512D2(H) LF
5
±12
±83
43
606
100
± 2
66
BC-1205D2(H) LF
12
±5
±200
18
252
70
± 2
66
BC-2405D2(H) LF
±5
±200
5
128
70
± 2
65
BC-2412D2(H) LF
24
±12
±83
5
121
100
± 2
69
6) 3.0 W Dual Output Series
BC-0505D3(H) LF
± 5
± 300
50
938
70
± 2
64
BC-0512D3(H) LF
5
± 12
± 125
45
910
100
± 2
66
BC-1205D3(H) LF
± 5
± 300
20
378
70
± 2
66
BC-1212D3(H) LF
12
± 12
± 125
20
362
100
± 2
69
BC-2405D3(H) LF
± 5
± 300
6
192
70
± 2
65
BC-2412D3(H) LF
± 12
± 125
6
181
100
± 2
69
BC-2415D3(H) LF
24
± 15
± 100
6
181
120
± 2
69
Mechanical Dimensions(2/2):
Plastic Case Model
25.40
(1.00)
2.54
(0.10)
31.75
(1.25)
20.32
(0.80)
15.24
(0.60)
φ0.50
(0.02)
Bottom View
IN=12Vdc
OUT= ±5Vdc
Pb
BC-1205D2P LF
27.63
(1.09)
16.16
(0.64)
Printed Face
10.16
(0.40)
3.05
(0.12)
Min.
5.00
(0.20)
8.50
(
0.33)
Pin
Single
Pin
1
NC
NC
24
2
+Vin
-Vin
23
3~11 No Pin
No Pin 14~22
12
-Vo
+Vo
13
Pin
Dual
Pin
1
No Pin
No Pin
24
2
+Vin
-Vin
23
3~9
No Pin
No Pin
16~22
10
+Vo
15
11
Common
No Pin
14
12
No Pin
-Vo
13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com