Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2047 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2047
Description  X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2047 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2047 Datasheet HTML 8Page - STMicroelectronics UM2047 Datasheet HTML 9Page - STMicroelectronics UM2047 Datasheet HTML 10Page - STMicroelectronics UM2047 Datasheet HTML 11Page - STMicroelectronics UM2047 Datasheet HTML 12Page - STMicroelectronics UM2047 Datasheet HTML 13Page - STMicroelectronics UM2047 Datasheet HTML 14Page - STMicroelectronics UM2047 Datasheet HTML 15Page - STMicroelectronics UM2047 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID029189 Rev 2
13/16
UM2047
VL53L0X satellite
16
4
VL53L0X satellite
The VL53L0X satellites are supplied at 2.8V by the regulator present on the
X-NUCLEO-53L0A1 expansion board.
Figure 7. VL53L0X satellite schematic
The VL53L0X satellites can be directly plugged onto the X-NUCLEO-53L0A1 expansion
board through the two 10 pin connectors or connected to the board through flying leads.
When connected through flying leads, developers should break off the mini PCB from the
satellite board, and use only the “VL53L0X mini PCB” which benefits from a smaller form
factor for an easier integration into customers devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com