Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910A104F Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 910A104F
Description  SMA Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

910A104F Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  910A104F Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
s
SMA Connectors
_____________________________
Drawing
Clamp Type For Flexible Cable
Straight Clamp Cable Plug
Cable: A= RG58/U,141/U, 142/U
Cable: B=RG223/U
”A” P/N: 910A104F
”B” P/N: 910A104P
RoHS compliant REQUEST QUOTE
REQUEST DRAWING
_____________________________
Drawing
Clamp Type For Flexible Cable
Straight Clamp Cable Jack
Cable: RG174/U, 188/U, 316/U
P/N: 920A104M
RoHS compliant REQUEST QUOTE
REQUEST DRAWING
_____________________________
Drawing
Clamp Type For Flexible Cable
Straight Clamp Cable Jack
Cable: A= RG58/U,141/U, 142/U
Cable: B=RG223/U
“A” P/N: 920A104F
“B” P/N: 920A104P
RoHS compliant REQUEST QUOTE
REQUEST DRAWING
_____________________________
Drawing
Clamp Type For Flexible Cable
Straight Clamp Bulkhead Cable Jack
Cable: A=RG174/U, 188/U, 316/U
Cable: B= RG58/U,141/U, 142/U
Cable: C=RG223/U
“A” P/N: 921A104M
“B” P/N: 921A104F
“C” P/N: 921A104P
RoHS compliant REQUEST QUOTE
REQUEST DRAWING
_____________________________
Drawing
Clamp Type For Flexible Cable
Right Angle Clamp Cable Plug
Cable: RG174/U, 188/U, 316/U
P/N: 913A104M
RoHS compliant REQUEST QUOTE
REQUEST
DRAWING
_____________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
32


Similar Part No. - 910A104F

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
910A204M WINCHESTER-910A204M Datasheet
125Kb / 2P
SMA Connectors
More results

Similar Description - 910A104F

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
910A204M WINCHESTER-910A204M Datasheet
125Kb / 2P
SMA Connectors
916A524 WINCHESTER-916A524 Datasheet
159Kb / 12P
SMA Connectors
926A515 WINCHESTER-926A515 Datasheet
291Kb / 1P
SMA Connectors
961A514 WINCHESTER-961A514 Datasheet
75Kb / 2P
SMA Connectors
logo
API Technologies Corp
7006 APITECH-7006 Datasheet
304Kb / 1P
Rugged SMA Connectors
logo
Dow-Key Microwave Corpo...
411CJW-420832 DOW-KEY-411CJW-420832 Datasheet
155Kb / 3P
SMA-FEMALE CONNECTORS
461JLW-4208 DOW-KEY-461JLW-4208 Datasheet
158Kb / 3P
SMA-FEMALE CONNECTORS
521U-2208 DOW-KEY-521U-2208 Datasheet
224Kb / 3P
SMA-FEMALE CONNECTORS
581JW-4208 DOW-KEY-581JW-4208 Datasheet
153Kb / 3P
SMA-FEMALE CONNECTORS
581JW-420822 DOW-KEY-581JW-420822 Datasheet
154Kb / 3P
SMA-FEMALE CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com