Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082CM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TL082CM
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TL082CM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TL082CM Datasheet HTML 1Page - National Semiconductor (TI) TL082CM Datasheet HTML 2Page - National Semiconductor (TI) TL082CM Datasheet HTML 3Page - National Semiconductor (TI) TL082CM Datasheet HTML 4Page - National Semiconductor (TI) TL082CM Datasheet HTML 5Page - National Semiconductor (TI) TL082CM Datasheet HTML 6Page - National Semiconductor (TI) TL082CM Datasheet HTML 7Page - National Semiconductor (TI) TL082CM Datasheet HTML 8Page - National Semiconductor (TI) TL082CM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±18V
Power Dissipation
(Note 2)
Operating Temperature Range
0˚C to +70˚C
T
j(MAX)
150˚C
Differential Input Voltage
±30V
Input Voltage Range (Note 3)
±15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
260˚C
ESD rating to be determined.
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage
to the device may occur. Operating Ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits.
DC Electrical Characteristics (Note 5)
Symbol
Parameter
Conditions
TL082C
Units
Min
Typ
Max
V
OS
Input Offset Voltage
R
S = 10 kΩ,TA = 25˚C
5
15
mV
Over Temperature
20
mV
∆V
OS/∆T
Average TC of Input Offset
R
S = 10 kΩ
10
µV/˚C
Voltage
I
OS
Input Offset Current
T
j = 25˚C, (Notes 5, 6)
25
200
pA
T
j ≤ 70˚C
4
nA
I
B
Input Bias Current
T
j = 25˚C, (Notes 5, 6)
50
400
pA
T
j ≤ 70˚C
8
nA
R
IN
Input Resistance
T
j = 25˚C
10
12
Ω
A
VOL
Large Signal Voltage Gain
V
S = ±15V, TA = 25˚C
25
100
V/mV
V
O = ±10V, RL = 2kΩ
Over Temperature
15
V/mV
V
O
Output Voltage Swing
V
S = ±15V, RL = 10 kΩ
±12
±13.5
V
V
CM
Input Common-Mode Voltage
V
S = ±15V
±11
+15
V
Range
−12
V
CMRR
Common-Mode Rejection Ratio
R
S ≤ 10 kΩ
70
100
dB
PSRR
Supply Voltage Rejection Ratio
(Note 7)
70
100
dB
I
S
Supply Current
3.6
5.6
mA
AC Electrical Characteristics (Note 5)
Symbol
Parameter
Conditions
TL082C
Units
Min
Typ
Max
Amplifier to Amplifier Coupling
T
A = 25˚C, f = 1Hz-
−120
dB
20 kHz (Input Referred)
SR
Slew Rate
V
S = ±15V, TA = 25˚C
8
13
V/µs
GBW
Gain Bandwidth Product
V
S = ±15V, TA = 25˚C
4
MHz
e
n
Equivalent Input Noise Voltage
T
A = 25˚C, RS = 100Ω,
25
nV/
√Hz
f = 1000 Hz
i
n
Equivalent Input Noise Current
T
j = 25˚C, f = 1000 Hz
0.01
pA/
√Hz
Note 2: For operating at elevated temperature, the device must be derated based on a thermal resistance of 115˚C/W junction to ambient for the N package.
Note 3: Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
Note 4: The power dissipation limit, however, cannot be exceeded.
Note 5: These specifications apply for VS = ±15V and 0˚C ≤TA ≤ +70˚C. VOS,IB and IOS are measured at VCM = 0.
Note 6: The input bias currents are junction leakage currents which approximately double for every 10˚C increase in the junction temperature, Tj. Due to the limited
production test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient
temperature as a result of internal power dissipation, PD.Tj = TA + θjA PD where θjA is the thermal resistance from junction to ambient. Use of a heat sink is recom-
mended if input bias current is to be kept to a minimum.
Note 7: Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice.
VS = ±6V to ±15V.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com