Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC2811 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZC2811
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC2811 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZC2811 Datasheet HTML 1Page - Zetex Semiconductors ZC2811 Datasheet HTML 2Page - Zetex Semiconductors ZC2811 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZC2800
ZC2811
ZC5800
3-111
Ambient Temperature (°C)
020
40
Revese Voltage (V)
0
100
1.0
0.1
0.01
Forward Voltage (V)
TYPICAL CHARACTERISTICS
(ZC2811)
(ZC2800 & ZC5800)
(ZC2811)
(ZC2800 & ZC5800)
(ZC2811)
(ZC2800 & ZC5800)
10
050
100
150
Ambient Temperature (°C)
050
100
150
0.5
1.0
1.5
0
100
1.0
0.1
0.01
Forward Voltage (V)
10
0.5
1.0
1.5
60
80
0
5
10
15
20
10
µA
100nA
10nA
1nA
1
µA
10
µA
100nA
10nA
1nA
1
µA
10
µA
100nA
10nA
1nA
1
µA
10
µA
100nA
10nA
1nA
1
µA
Tamb=150°C
Tamb=125°C
Tamb=100°C
Tamb=75°C
Tamb=50°C
Tamb=25°C
Tamb=150°C
Tamb=125°C
Tamb=100°C
Tamb=75°C
Tamb=50°C
Tamb=25°C
Revese Voltage (V)
VR=50V
20V
10V
1V
VR=20V
10V
5V
1V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com