Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # CHA2
Description  Isolated DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CHA2 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  CHA2 Datasheet HTML 1Page - Bothhand USA, LP. CHA2 Datasheet HTML 2Page - Bothhand USA, LP. CHA2 Datasheet HTML 3Page - Bothhand USA, LP. CHA2 Datasheet HTML 4Page - Bothhand USA, LP. CHA2 Datasheet HTML 5Page - Bothhand USA, LP. CHA2 Datasheet HTML 6Page - Bothhand USA, LP. CHA2 Datasheet HTML 7Page - Bothhand USA, LP. CHA2 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BOTHHAND
USA
PRELIMINARY
Isolated DC-DC Converters
CHA2 Series -- 2Watt
E-mail:
sales@bothhandUSA.com
http://www.bothhand
usa.com
Rev:20150617A
Page
1
of
8
Features
7Pin SIL Package
Input / Output Isolation Voltage: 1K Vdc
High Efficiency
Lead Free Design, RoHS Compliant
Operating temperature: -40°C to +85°C
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
Technical Specification All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Model
Number
Input Voltage
Range(V)
Output
Voltage
(V)
Output
Current (mA)
Full Load
Input Current (mA)
Eff.
(2)
(%)
Capacitive
Load, max.
(3)
(
μ F)
No Load
Full Load
CHA2-05S1
4.5~5.5
Nominal:5
5
400
45
506
79
330
CHA2-05S2
12
167
42
500
80
330
CHA2-05S3
15
134
35
494
81
330
CHA2-05D1
± 5
± 200
45
513
78
±220
CHA2-05D2
± 12
± 84
42
500
80
±100
CHA2-05D3
± 15
± 67
35
494
81
±100
CHA2-12S1
10.8~13.2
Nominal:12
5
400
26
211
79
330
CHA2-12S2
12
167
25
208
80
330
CHA2-12S3
15
134
24
206
81
330
CHA2-12D1
± 5
± 200
26
214
78
±220
CHA2-12D2
± 12
± 84
25
208
80
±100
CHA2-12D3
± 15
± 67
24
208
80
±100
CHA2-24S1
21.6~26.4
Nominal:24
5
400
8
105
79
330
CHA2-24S2
12
167
7
101
82
330
CHA2-24S3
15
134
7
102
82
330
CHA2-24D1
± 5
± 200
8
107
78
±220
CHA2-24D2
± 12
± 84
7
103
81
±100
CHA2-24D3
± 15
± 67
7
102
82
±100


Similar Part No. - CHA2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CHA2-05D1 BOTHHAND-CHA2-05D1 Datasheet
479Kb / 8P
Isolated DC-DC Converters
CHA2-05D2 BOTHHAND-CHA2-05D2 Datasheet
479Kb / 8P
Isolated DC-DC Converters
CHA2-05D3 BOTHHAND-CHA2-05D3 Datasheet
479Kb / 8P
Isolated DC-DC Converters
CHA2-05S1 BOTHHAND-CHA2-05S1 Datasheet
479Kb / 8P
Isolated DC-DC Converters
CHA2-05S2 BOTHHAND-CHA2-05S2 Datasheet
479Kb / 8P
Isolated DC-DC Converters
More results

Similar Description - CHA2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRYB-40T03X BEL-VRYB-40T03X Datasheet
147Kb / 6P
ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com