Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSU0509LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # CSU0509LF
Description  Isolated DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CSU0509LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  CSU0509LF Datasheet HTML 1Page - Bothhand USA, LP. CSU0509LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSU0509 LF
1.8 Watt Isolated DC-DC Converter
Bothhand USA
Page 1 of 2
CSU0509 LF-Spec-X0-051129
Approved By :
Checked By :
Tested By : Jenny
5. Mechanical Dimension:
Pin
1000 Vdc - Single
Pin
1
-Vin
16
2
NC
15
3
+Vin
14
4
13
5
12
6
NC
11
7
Vo (+)
10
8
Vo (-)
NC
9
6. Recommended footprint details :
(Top View)
7. Power Derating Curve :
8. Efficiency & Output Load Chart :
Units : mm (Inch)
Tolerance : 0.xx ± 0.25(0.xx ± 0.01)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com