Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button SCANPSC110 Datasheet HTML 17Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 18Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 19Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 20Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 21Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 22Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 23Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 24Page - National Semiconductor (TI) SCANPSC110 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
Military
Units
Fig.
No.
T
A = −55˚C
to +125˚C
C
L = 50 pF
Guaranteed
Minimum
t
S
Setup Time
5.0
8.0
TMS
B to TCKB↑
t
H
Hold Time
5.0
4.0
ns
Figure 13
TMS
B to TCKB↑
t
S
Setup Time
5.0
6.0
ns
Figure 13
TDI
B to TCKB↑
t
H
Hold Time
5.0
4.0
ns
Figure 13
TdI
B to TCKB↑
t
S
Setup Time
S
n to TCKB↓
5.0
12.5
ns
(in
Update-DR state)
t
H
Hold Time
S
n to TCKB↓
5.0
0.0
ns
(in
Update-DR state)
t
S
Setup Time
S
n to TCKB↑
5.0
4.0
ns
(in
Capture-DR or
Capture-IR state)
t
H
Hold Time
S
n to TCKB↑
5.0
6.0
ns
(in
Capture-DR or
Capture-IR state)
t
S
Setup Time
5.0
2.0
ns
Figure 13
TDI
Ln to TCKB↑
t
H
Hold Time
5.0
6.0
ns
Figure 13
TDI
Ln to TCKB↑
t
S
Setup Time
OE to TCK
B↑
5.0
4.0
ns
(in
Capture-DR state)
t
H
Hold Time
OE to TCK
B↑
5.0
4.0
ns
(in
Capture-DR State)
t
W
Clock Pulse Width
5.0
24.0
ns
Figure 13
TCK
B (H or L)
t
WL
Clock Pulse Width
5.0
10.0
ns
Figure 15
TRST (L)
t
REC
Recover Time
5.0
2.0
ns
Figure 15
TCK
B↑ from TRST
t
OSHL,
Output-to-Output Skew
5.0
1.0
ns
(Note 8)
t
OSLH
TCK
Ln
t
OSHL,
Output-to-Output Skew
5.0
2.0
ns
(Note 8)
t
OSLH
TMS
Ln (unparked)
F
MAX
Maximum Clock Frequency
5.0
MHz
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device. The speci-
fication applies to any outputs switching HIGH to LOW (tOSHL ), or LOW to HIGH (tOSLH). The specification is guaranteed but not tested.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com