Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX16373 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74VCX16373
Description  3.6V TOLERANT INPUTS AND OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16373 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74VCX16373 Datasheet HTML 2Page - STMicroelectronics 74VCX16373 Datasheet HTML 3Page - STMicroelectronics 74VCX16373 Datasheet HTML 4Page - STMicroelectronics 74VCX16373 Datasheet HTML 5Page - STMicroelectronics 74VCX16373 Datasheet HTML 6Page - STMicroelectronics 74VCX16373 Datasheet HTML 7Page - STMicroelectronics 74VCX16373 Datasheet HTML 8Page - STMicroelectronics 74VCX16373 Datasheet HTML 9Page - STMicroelectronics 74VCX16373 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74VCX16373
6/12
DYNAMIC SWITCHING CHARACTERISTICS (Ta = 25°C, Input tr =tf = 2.0ns, CL = 30pF, RL = 500Ω)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the HIGH state.
3) Parameters guaranteed by design.
AC ELECTRICAL CHARACTERISTICS (CL = 30pF, RL = 500Ω, Input tr =tf = 2.0ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|)
2) Parameter guaranteed by design
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
VOLP
Dynamic Low Voltage Quiet
Output (note 1, 3)
1.8
VIL =0V
VIH =VCC
0.25
V
2.5
0.6
3.3
0.8
VOLV
Dynamic Low Voltage Quiet
Output (note 1, 3)
1.8
VIL =0V
VIH =VCC
-0.25
V
2.5
-0.6
3.3
-0.8
VOHV
Dynamic High Voltage Quiet
Output (note 2, 3)
1.8
VIL =0V
VIH =VCC
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time Dn to Qn
1.8
1.5
6.8
1.5
8.0
ns
2.3 to 2.7
1.0
3.4
1.0
4.0
3.0 to 3.6
0.8
3.0
0.8
4.0
tPLH tPHL
Propagation Delay
Time LE to Qn
1.8
1.5
7.8
1.5
9.0
ns
2.3 to 2.7
1.0
3.9
1.0
4.8
3.0 to 3.6
0.8
3.0
0.8
3.9
tPZL tPZH
Output Enable Time
1.8
1.5
9.2
1.5
11.0
ns
2.3 to 2.7
1.0
4.6
1.0
6.0
3.0 to 3.6
0.8
3.5
0.8
4.3
tPLZ tPHZ
Output Disable Time
1.8
1.5
6.8
1.5
7.2
ns
2.3 to 2.7
1.0
3.8
1.0
4.5
3.0 to 3.6
0.8
3.5
0.8
4.1
ts
Setup TIme, HIGH or
LOW level Dn to LE
1.8
2.5
2.5
ns
2.3 to 2.7
1.5
1.5
3.0 to 3.6
1.5
1.5
th
Hold Time High or
LOW level Dn to LE
1.8
1.0
1.0
ns
2.3 to 2.7
1.0
1.0
3.0 to 3.6
1.0
1.0
tw
LE Pulse Width, HIGH
1.8
4.0
4.0
ns
2.3 to 2.7
1.5
1.5
3.0 to 3.6
1.5
1.5
tOSLH tOSHL Output To Output
Skew Time (note1, 2)
1.8
0.75
0.75
ns
2.3 to 2.7
0.5
0.5
3.0 to 3.6
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com